Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7122W Datasheet (PDF) - Belden Inc.

7122W Datasheet PDF - Belden Inc.
Part # 7122W
Download  7122W Download
File Size   148.14 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 21G C #16 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER

7122W Datasheet (PDF)

Go To PDF Page Download Datasheet
7122W Datasheet PDF - Belden Inc.

Part # 7122W
Download  7122W Click to download

File Size   148.14 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 21G C #16 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER

7122W Datasheet (HTML) - Belden Inc.


7122W Product details

Product Description
MachFlex™ for High Flex, 2+1G Conductor 16AWG (168(7x24) x38) Bare Copper, PVC-NYL Insulation, TPE Outer Jacket, 1000V WTTC, 600V TC-ER




Similar Part No. - 7122W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7122 ETC1-7122 Datasheet
36Kb / 1P
Common Mode EMI Inductors
logo
Bourns Electronic Solut...
7122 BOURNS-7122 Datasheet
89Kb / 1P
Common Mode EMI Chokes
7122-RC BOURNS-7122-RC Datasheet
89Kb / 1P
Common Mode EMI Chokes
7122-RC BOURNS-7122-RC Datasheet
55Kb / 1P
Common Mode EMI Chokes
7122-RC BOURNS-7122-RC Datasheet
75Kb / 1P
Common Mode EMI Chokes
More results


Similar Description - 7122W

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2128A BELDEN-2128A Datasheet
262Kb / 3P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
7896A BELDEN-7896A Datasheet
169Kb / 2P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPP Ins, ISOA TC Brd, PVC Jkt,600V TC-ER
01-20-2023
7900A BELDEN-7900A Datasheet
169Kb / 3P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPO Ins, PVC Jkt, 600V TC-ER
05-05-2023
9952 BELDEN-9952 Datasheet
146Kb / 2P
Electronic, 2 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
1046A BELDEN-1046A Datasheet
154Kb / 2P
Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER
05-25-2023
A03024R BELDEN-A03024R Datasheet
140Kb / 2P
TC VN/PVC, 3 C #2 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-08-2022
A03162R BELDEN-A03162R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
A04161R BELDEN-A04161R Datasheet
139Kb / 2P
TC VN/PVC, 4 C #16 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A04162R BELDEN-A04162R Datasheet
139Kb / 2P
TC VN/PVC, 4 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com