Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7424W Datasheet (PDF) - Belden Inc.

7424W Datasheet PDF - Belden Inc.
Part # 7424W
Download  7424W Download
File Size   143.97 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 41G C #16 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER

7424W Datasheet (PDF)

Go To PDF Page Download Datasheet
7424W Datasheet PDF - Belden Inc.

Part # 7424W
Download  7424W Click to download

File Size   143.97 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 41G C #16 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER

7424W Datasheet (HTML) - Belden Inc.


7424W Product details

Product Description
MachFlex™ for High Flex, 4+1G Conductor 16AWG (26x30) Bare Copper, PVC-NYL Insulation, TPE Outer Jacket, 1000V WTTC, 600V TC-ER




Similar Part No. - 7424W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74240 FAIRCHILD-74240 Datasheet
72Kb / 7P
Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
List of Unclassifed Man...
74241 ETC2-74241 Datasheet
346Kb / 1P
Dura Torsion Insert and Power Bits
logo
TE Connectivity Ltd
742412-000 TEC-742412-000 Datasheet
128Kb / 12P
PRINTING RIBBONS AND INKS TECHNICAL DATASHEET
logo
List of Unclassifed Man...
74242 ETC2-74242 Datasheet
346Kb / 1P
Dura Torsion Insert and Power Bits
74243 ETC2-74243 Datasheet
346Kb / 1P
Dura Torsion Insert and Power Bits
More results


Similar Description - 7424W

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7900A BELDEN-7900A Datasheet
169Kb / 3P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPO Ins, PVC Jkt, 600V TC-ER
05-05-2023
9954 BELDEN-9954 Datasheet
160Kb / 2P
Electronic, 4 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
1046A BELDEN-1046A Datasheet
154Kb / 2P
Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER
05-25-2023
A03162R BELDEN-A03162R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28140AS BELDEN-28140AS Datasheet
192Kb / 2P
TC-ER VN/PVC, 4 C #10 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A03044R BELDEN-A03044R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #4 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
A04122R BELDEN-A04122R Datasheet
138Kb / 2P
TC VN/PVC, 4 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A04161R BELDEN-A04161R Datasheet
139Kb / 2P
TC VN/PVC, 4 C #16 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A04162R BELDEN-A04162R Datasheet
139Kb / 2P
TC VN/PVC, 4 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com