Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5X0.5 Datasheet (PDF) - Belden Inc.

C5X0.5 Datasheet PDF - Belden Inc.
Part # C5X0.5
Download  C5X0.5 Download
File Size   144.11 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 375YY, 5 C 0.5mm² Str BC, PVC Ins, PVC Jkt

C5X0.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5X0.5 Datasheet PDF - Belden Inc.

Part # C5X0.5
Download  C5X0.5 Click to download

File Size   144.11 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 375YY, 5 C 0.5mm² Str BC, PVC Ins, PVC Jkt

C5X0.5 Datasheet (HTML) - Belden Inc.


C5X0.5 Product details

Product Description
MachFlex™ 375YY, 5 Conductor 0.5mm² Stranded Bare Copper, PVC Insulation, PVC Jacket




Similar Part No. - C5X0.5

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
C5X1.5SY BELDEN-C5X1.5SY Datasheet
162Kb / 2P
MachFlex™ 375SY Control Cable, 5 C 1.5 mm² Str BC, PVC Ins, PVC Inner Jkt, GSWB, PVC Outer Jkt
11-15-2023
C5X1.5SY-010100M BELDEN-C5X1.5SY-010100M Datasheet
162Kb / 2P
MachFlex™ 375SY Control Cable, 5 C 1.5 mm² Str BC, PVC Ins, PVC Inner Jkt, GSWB, PVC Outer Jkt
11-15-2023
C5X1.5SY-010200M BELDEN-C5X1.5SY-010200M Datasheet
162Kb / 2P
MachFlex™ 375SY Control Cable, 5 C 1.5 mm² Str BC, PVC Ins, PVC Inner Jkt, GSWB, PVC Outer Jkt
11-15-2023
C5X1.5SY-010300M BELDEN-C5X1.5SY-010300M Datasheet
162Kb / 2P
MachFlex™ 375SY Control Cable, 5 C 1.5 mm² Str BC, PVC Ins, PVC Inner Jkt, GSWB, PVC Outer Jkt
11-15-2023
C5X1.5SY-368100M BELDEN-C5X1.5SY-368100M Datasheet
162Kb / 2P
MachFlex™ 375SY Control Cable, 5 C 1.5 mm² Str BC, PVC Ins, PVC Inner Jkt, GSWB, PVC Outer Jkt
11-15-2023
More results


Similar Description - C5X0.5

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1349A BELDEN-1349A Datasheet
258Kb / 3P
CC Link, 5 C #1820 Str BC, PVCPO Ins, OSTC Brd, PVC Jkt, PVC Jkt, CM
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8465 BELDEN-8465 Datasheet
199Kb / 2P
Electronic, 5 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9623 BELDEN-9623 Datasheet
188Kb / 2P
Electronic, 5 C #14 Str TC, PVC Ins, PVC Jkt
01-20-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
9620 BELDEN-9620 Datasheet
177Kb / 2P
Electronic, 5 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
8445 BELDEN-8445 Datasheet
200Kb / 2P
Electronic, 5 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9445 BELDEN-9445 Datasheet
194Kb / 2P
Electronic, 5 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
19140 BELDEN-19140 Datasheet
143Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19362 BELDEN-19362 Datasheet
142Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com