Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIM-LR Datasheet (PDF) - List of Unclassifed Manufacturers

TIM-LR Datasheet PDF - List of Unclassifed Manufacturers
Part # TIM-LR
Download  TIM-LR Download
File Size   68.36 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Dead Reckoning GPS Receiver Module ANTARIS Positioning Engine

TIM-LR Datasheet (PDF)

Go To PDF Page Download Datasheet
TIM-LR Datasheet PDF - List of Unclassifed Manufacturers

Part # TIM-LR
Download  TIM-LR Click to download

File Size   68.36 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Dead Reckoning GPS Receiver Module ANTARIS Positioning Engine

TIM-LR Datasheet (HTML) - List of Unclassifed Manufacturers


TIM-LR Product details

[u-blox AG]



Overview

Dead  reckoning GPS receivers supplement the GPS information with an incoming signal from a gyroscope (turn rate sensor) and fromodometer pulses to do dead reckoning  navigation  through periods  of GPS outages. 



Features

• 16 channel GPS receiver

• 8192 simultaneous time-frequency search bins

• 1 Hz position update rate

• Based on the ANTARIS GPS Technology

   •  ATR0600 RF front-end IC

   •  ATR0620 Baseband IC with ARM7TDMI inside

   •  ATR0610 Low noise amplifier IC

• FLASH memory

• Dead Reckoning (DR) with Enhanced Kalman Filter:

  •  40 Hz DR calculation rate for high accuracy

  •  Mixed GPS and DR operation, depending on availability and quality of GPS signal

  •  Fully automatic calibration

  •  Temperature compensation

• DGPS and SBAS (WAAS, EGNOS) support

• Operating voltage 2.7 to 3.3 V

• Battery supply pin for backup memory and RTC

• Industrial operating temperature range ñ40 to 85°C



 




Similar Part No. - TIM-LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIM-LC ETC2-TIM-LC Datasheet
510Kb / 15P
GPS Receiver Module
TIM-LC-0-000-0 ETC2-TIM-LC-0-000-0 Datasheet
510Kb / 15P
GPS Receiver Module
TIM-LC-0-000-1 ETC2-TIM-LC-0-000-1 Datasheet
510Kb / 15P
GPS Receiver Module
TIM-LC-0-000-5 ETC2-TIM-LC-0-000-5 Datasheet
510Kb / 15P
GPS Receiver Module
More results


Similar Description - TIM-LR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA1570HL PHILIPS-UAA1570HL Datasheet
890Kb / 76P
Global Positioning System GPS front-end receiver circuit
1999 May 10
logo
List of Unclassifed Man...
GPS140 ETC-GPS140 Datasheet
282Kb / 38P
GPS Positioning Module
logo
Epson Company
S4E39860 EPSON-S4E39860 Datasheet
28Kb / 2P
GPS Receiver Module
logo
List of Unclassifed Man...
ITRAX02 ETC2-ITRAX02 Datasheet
871Kb / 2P
GPS RECEIVER MODULE
logo
ATMEL Corporation
MG-A1315 ATMEL-MG-A1315 Datasheet
326Kb / 17P
ANTARIS 4 SuperSense GPS Module
logo
List of Unclassifed Man...
TIM-LC ETC2-TIM-LC Datasheet
510Kb / 15P
GPS Receiver Module
logo
Advantech Co., Ltd.
GPS-102 ADVANTECH-GPS-102 Datasheet
314Kb / 1P
GPS Module with Dead Reckoning Sensor
logo
Honeywell Solid State E...
DRM4000L-N00-232 HONEYWELL-DRM4000L-N00-232 Datasheet
219Kb / 4P
DRM??000L Dead Reckoning Module
logo
Yuechung International ...
YIC51612EBGGBL5-DR YIC-YIC51612EBGGBL5-DR Datasheet
1Mb / 23P
Dead Reckoning GNSS Module
logo
u-blox AG
NEO-M9V-20B U-BLOX-NEO-M9V-20B Datasheet
2Mb / 23P
Multi-mode dead reckoning module Professional grade
R04 16-Mar-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com