Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP2P50E Datasheet (PDF) - Inchange Semiconductor Company Limited

MTP2P50E Datasheet PDF - Inchange Semiconductor Company Limited
Part # MTP2P50E
Download  MTP2P50E Download
File Size   412.42 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description P-Channel MOSFET Transistor

MTP2P50E Datasheet (PDF)

Go To PDF Page Download Datasheet
MTP2P50E Datasheet PDF - Inchange Semiconductor Company Limited

Part # MTP2P50E
Download  MTP2P50E Click to download

File Size   412.42 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description P-Channel MOSFET Transistor

MTP2P50E Datasheet (HTML) - Inchange Semiconductor Company Limited


MTP2P50E Product details

FEATURES
· Drain Current -ID= -2.0A@ TC=25℃
· Drain Source Voltage -VDSS= -500V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 6Ω(Max)@VGS= -10V
· Fast-recovery body diode
APPLICATIONS
· Bridge circuits
· Power Stitching




Similar Part No. - MTP2P50E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
logo
ON Semiconductor
MTP2P50E ONSEMI-MTP2P50E Datasheet
103Kb / 8P
Power MOSFET 2 Amps, 500 Volts
November, 2000 ??Rev. 3
MTP2P50EG ONSEMI-MTP2P50EG Datasheet
193Kb / 7P
Power MOSFET 2 Amps, 500 Volts
May, 2010 ??Rev. 6
MTP2P50E ONSEMI-MTP2P50E_10 Datasheet
193Kb / 7P
Power MOSFET 2 Amps, 500 Volts
May, 2010 ??Rev. 6
More results


Similar Description - MTP2P50E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD068P03L3 ISC-IPD068P03L3 Datasheet
340Kb / 2P
P-Channel MOSFET Transistor
IRF9Z34N ISC-IRF9Z34N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF5210 ISC-IRF5210 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF5305 ISC-IRF5305 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF6218 ISC-IRF6218 Datasheet
333Kb / 2P
P-Channel MOSFET Transistor
IRF9530N ISC-IRF9530N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF9540N ISC-IRF9540N Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP80P06P ISC-SPP80P06P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP15P10P ISC-SPP15P10P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com