Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVD Datasheet (PDF) - Apex Electronics Co., Ltd

SVD Datasheet PDF - Apex Electronics Co., Ltd
Part # SVD
Download  SVD Download
File Size   669.64 Kbytes
Page   2 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description Slide Potentiometer, 100K life cycle, high precision

SVD Datasheet (PDF)

Go To PDF Page Download Datasheet
SVD Datasheet PDF - Apex Electronics Co., Ltd

Part # SVD
Download  SVD Click to download

File Size   669.64 Kbytes
Page   2 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description Slide Potentiometer, 100K life cycle, high precision

SVD Datasheet (HTML) - Apex Electronics Co., Ltd


SVD Product details

Features
45, 60, 100mm long travel
Rail design for smooth slide feel
Dual output
100K long-life cycles
Custom options available

Applications
Panel control that requires analog signal change via sliding. Popular
for high-end audio mixer or video editing.




Similar Part No. - SVD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVD101 SANYO-SVD101 Datasheet
71Kb / 2P
X Band VCO, PLO
SVD102 SANYO-SVD102 Datasheet
71Kb / 2P
X Band VCO, PLO
logo
Silan Microelectronics ...
SVD1055SA SILAN-SVD1055SA Datasheet
338Kb / 9P
17A, 55V N/P-CHANNEL MOSFET
Rev.:1.2
SVD1055SATR SILAN-SVD1055SATR Datasheet
338Kb / 9P
17A, 55V N/P-CHANNEL MOSFET
Rev.:1.2
logo
VBsemi Electronics Co.,...
SVD10N65T VBSEMI-SVD10N65T Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results


Similar Description - SVD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL00501031ST ETC2-HPL00501031ST Datasheet
396Kb / 5P
High Life Cycle, High Temperature Capability
logo
Bourns Electronic Solut...
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
PTF Series Long Life Slide Potentiometer
PTS BOURNS-PTS Datasheet
459Kb / 6P
High Grade Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
Slide Potentiometer
PS30M BITECH-PS30M Datasheet
168Kb / 6P
Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
Slide Potentiometer
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
Long Life Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
Miniature Slide Potentiometer
12/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com