Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T33A Datasheet (PDF) - Apex Electronics Co., Ltd

T33A Datasheet PDF - Apex Electronics Co., Ltd
Part # T33A
Download  T33A Download
File Size   811.22 Kbytes
Page   2 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 3.0*2.75mm tact switch, SMD, top actuated

T33A Datasheet (PDF)

Go To PDF Page Download Datasheet
T33A Datasheet PDF - Apex Electronics Co., Ltd

Part # T33A
Download  T33A Click to download

File Size   811.22 Kbytes
Page   2 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 3.0*2.75mm tact switch, SMD, top actuated

T33A Datasheet (HTML) - Apex Electronics Co., Ltd


T33A Product details

Product Features
‧Miniature 3.0 X 2.75mm size
Slim 1.4mm total height
Ground terminal available
‧
‧
‧200,000 long life cycles




Similar Part No. - T33A

ManufacturerPart #DatasheetDescription
logo
EPCOS
T33-A230X EPCOS-T33-A230X Datasheet
59Kb / 4P
SURGE ARRESTER 3-electrode arrester
T33-A350X EPCOS-T33-A350X Datasheet
129Kb / 4P
SURGE ARRESTER 2-electrode arrester
T33-A90X EPCOS-T33-A90X Datasheet
59Kb / 4P
SURGE ARRESTER 3-electrode arrester
logo
Kemet Corporation
T330C156K025AS KEMET-T330C156K025AS Datasheet
197Kb / 19P
DISSIPATION FACTOR: Maximum DF limits are shown in corresponding series part number listings on pages 44-48. See Application Notes Section, page 76 for addi-tional
logo
Vishay Siliconix
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
More results


Similar Description - T33A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
logo
E-SWITCH
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
logo
C&K Components
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
RK CK-COMPONENTS-RK Datasheet
444Kb / 5P
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC2 CK-COMPONENTS-RKC2 Datasheet
351Kb / 3P
Microminiature SMT Top Actuated Tact Switch
19 Sep 22
logo
Apex Electronics Co., L...
T66E APEX-ELECTRONICS-T66E Datasheet
438Kb / 1P
6.0*6.0mm tact switch, radial taping, top actuated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com