Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SM122KZB1VD-002-R Datasheet (PDF) - Solid State System Co., Ltd.

3SM122KZB1VD-002-R Datasheet PDF - Solid State System Co., Ltd.
Part # 3SM122KZB1VD-002-R
Download  3SM122KZB1VD-002-R Download
File Size   1447.58 Kbytes
Page   14 Pages
Manufacturer  3S [Solid State System Co., Ltd.]
Direct Link  http://www.3system.com.tw/
Logo 3S - Solid State System Co., Ltd.
Description MEMS Microphone IC

3SM122KZB1VD-002-R Datasheet (PDF)

Go To PDF Page Download Datasheet
3SM122KZB1VD-002-R Datasheet PDF - Solid State System Co., Ltd.

Part # 3SM122KZB1VD-002-R
Download  3SM122KZB1VD-002-R Click to download

File Size   1447.58 Kbytes
Page   14 Pages
Manufacturer  3S [Solid State System Co., Ltd.]
Direct Link  http://www.3system.com.tw/
Logo 3S - Solid State System Co., Ltd.
Description MEMS Microphone IC

3SM122KZB1VD-002-R Datasheet (HTML) - Solid State System Co., Ltd.


3SM122KZB1VD-002-R Product details

Features
• Bottom port
• High stability - no risk of membrane aging
• Suitable for automatic pick-and-place handler and SMT process
• Miniature dimension 2.75mm x 1.85mm x 0.90mm
• Low current consumption 80uA
• RoHS/Green compliant
• Sensitivity deviation within ±1dB
• Package type : LGA 4-pin
• Omnidirectional
Applications
• ANC Headsets
• TWS Headsets
• Wearable Devices
• IoT Devices




Similar Part No. - 3SM122KZB1VD-002-R

ManufacturerPart #DatasheetDescription
logo
Solid State System Co.,...
3SM122KZT1VA 3S-3SM122KZT1VA Datasheet
1Mb / 14P
MEMS Microphone IC
Version 1.6
More results


Similar Description - 3SM122KZB1VD-002-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMM-2718AB-38108-TR CUI-CMM-2718AB-38108-TR Datasheet
483Kb / 5P
MEMS MICROPHONE
logo
CUI Devices
CMM-3729AB-38116-TR CUID-CMM-3729AB-38116-TR Datasheet
460Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-4030DB-26354-TR CUID-CMM-4030DB-26354-TR Datasheet
567Kb / 6P
MEMS MICROPHONE
08/05/2022
CMM-2718AB-38316-TR CUID-CMM-2718AB-38316-TR Datasheet
462Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-2718AB-383161-TR CUID-CMM-2718AB-383161-TR Datasheet
473Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-2718AT-42308-TR CUID-CMM-2718AT-42308-TR Datasheet
525Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-2718AT-42316-TR CUID-CMM-2718AT-42316-TR Datasheet
403Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-3526AB-38308-TR CUID-CMM-3526AB-38308-TR Datasheet
553Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-3729AT-42316-TR CUID-CMM-3729AT-42316-TR Datasheet
471Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-3729AB-38308-TR CUID-CMM-3729AB-38308-TR_V01 Datasheet
507Kb / 5P
MEMS MICROPHONE
07/13/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com