Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF3045TS-1 Datasheet (PDF) - SMC Diode Solutions Co. LTD

GF3045TS-1 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # GF3045TS-1
Download  GF3045TS-1 Download
File Size   409.48 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Power Modules Schottky Rectifier

GF3045TS-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
GF3045TS-1 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # GF3045TS-1
Download  GF3045TS-1 Click to download

File Size   409.48 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Power Modules Schottky Rectifier

GF3045TS-1 Datasheet (HTML) - SMC Diode Solutions Co. LTD


GF3045TS-1 Product details

Low thermal resistance
Lower forward voltage drop, low power loss
Isolate Package design, ideal for heat dispersion
High forward current capability
Trench MOS Schottky technology
Excellent anti-humidity
Low profile package
High forward surge capability
All SMC parts are traceable to the wafer lot
Additional electrical and life testing can be performed
upon request




Similar Part No. - GF3045TS-1

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
GF3045TS SMCDIODE-GF3045TS Datasheet
836Kb / 5P
SCHOTTKY RECTIFIER
Rev.-
More results


Similar Description - GF3045TS-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS400 VISHAY-VSKCS400_11 Datasheet
131Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
09-Mar-11
VSKCS408 VISHAY-VSKCS408_11 Datasheet
129Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
09-Mar-11
VSKDS201 VISHAY-VSKDS201_10 Datasheet
175Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 100 A
18-May-10
VSKDS408 VISHAY-VSKDS408_09 Datasheet
145Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
05-Aug-09
logo
Jiangsu APT Semiconduct...
MB400K01F3 APTSEMI-MB400K01F3 Datasheet
172Kb / 3P
Schottky Rectifier Modules
logo
Vishay Siliconix
VS-VSKCS203 VISHAY-VS-VSKCS203 Datasheet
761Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
28-Sep-15
VS-VSKCS209 VISHAY-VS-VSKCS209 Datasheet
875Kb / 6P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
28-Sep-15
logo
Sirectifier Semiconduct...
SRBD40035CT SIRECTIFIER-SRBD40035CT Datasheet
528Kb / 3P
Schottky Barrier Rectifier Diode Modules
SRBD400100CT SIRECTIFIER-SRBD400100CT Datasheet
504Kb / 2P
Schottky Barrier Rectifier Diode Modules
logo
Vishay Siliconix
VS-VSKDS440 VISHAY-VS-VSKDS440_17 Datasheet
187Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
03-May-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com