Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6400 Datasheet (PDF) - Pan Jit International Inc.

PJS6400 Datasheet PDF - Pan Jit International Inc.
Part # PJS6400_V01
Download  PJS6400 Download
File Size   377.94 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 30V N-Channel Enhancement Mode MOSFET

PJS6400 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJS6400 Datasheet PDF - Pan Jit International Inc.

Part # PJS6400_V01
Download  PJS6400 Click to download

File Size   377.94 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 30V N-Channel Enhancement Mode MOSFET

PJS6400 Datasheet (HTML) - Pan Jit International Inc.


PJS6400 Product details

Features
 RDS(ON) , VGS@10V, ID@6.4A<37mΩ
 RDS(ON) , VGS@4.5V, ID@4.5A<43mΩ
 RDS(ON) , VGS@2.5V, ID@2.9A<59mΩ
 Advanced Trench Process Technology
 Specially Designed for Switch Load, PWM Application, etc
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard




Similar Part No. - PJS6400_V01

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6400 PANJIT-PJS6400 Datasheet
308Kb / 6P
30V N-Channel Enhancement Mode MOSFET
More results


Similar Description - PJS6400_V01

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com