Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6809 Datasheet (PDF) - Pan Jit International Inc.

PJS6809 Datasheet PDF - Pan Jit International Inc.
Part # PJS6809
Download  PJS6809 Download
File Size   346.85 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 30V P-Channel Enhancement Mode MOSFET

PJS6809 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJS6809 Datasheet PDF - Pan Jit International Inc.

Part # PJS6809
Download  PJS6809 Click to download

File Size   346.85 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 30V P-Channel Enhancement Mode MOSFET

PJS6809 Datasheet (HTML) - Pan Jit International Inc.


PJS6809 Product details

Features
 RDS(ON) , VGS@-10V, ID@-2.6A<115mΩ
 RDS(ON) , VGS@-4.5V, ID@-1.7A<150mΩ
 Advanced Trench Process Technology
 Specially Designed for Switch Load, PWM Application, etc.
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard




Similar Part No. - PJS6809

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6809 PANJIT-PJS6809 Datasheet
274Kb / 6P
30V P-Channel Enhancement Mode MOSFET
PJS6809-AU PANJIT-PJS6809-AU Datasheet
345Kb / 6P
30V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6809-AU-REV.01
PJS6809-AU_S1_000A1 PANJIT-PJS6809-AU_S1_000A1 Datasheet
345Kb / 6P
30V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6809-AU-REV.01
More results


Similar Description - PJS6809

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com