Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6832 Datasheet (PDF) - Pan Jit International Inc.

PJS6832 Datasheet PDF - Pan Jit International Inc.
Part # PJS6832
Download  PJS6832 Download
File Size   397.69 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 30V N-Channel Enhancement Mode MOSFET – ESD Protected

PJS6832 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJS6832 Datasheet PDF - Pan Jit International Inc.

Part # PJS6832
Download  PJS6832 Click to download

File Size   397.69 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 30V N-Channel Enhancement Mode MOSFET – ESD Protected

PJS6832 Datasheet (HTML) - Pan Jit International Inc.


PJS6832 Product details

Features
 RDS(ON) , VGS@4,5V, ID@1.6A<200mΩ
 RDS(ON) , VGS@2.5V, ID@1.1A<270mΩ
 RDS(ON) , VGS@1.8V, ID@0.2A<570mΩ
 Advanced Trench Process Technology
 Specially Designed for Switch Load, PWM Application, etc.
 ESD Protected 2KV HBM
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard




Similar Part No. - PJS6832

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6832 PANJIT-PJS6832 Datasheet
308Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
More results


Similar Description - PJS6832

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJ2306 PANJIT-PJ2306 Datasheet
209Kb / 5P
30V N-Channel Enhancement Mode MOSFET - ESD Protected
PJ2306 PANJIT-PJ2306_15 Datasheet
339Kb / 7P
30V N-Channel Enhancement Mode MOSFET-ESD Protected
PJA3422 PANJIT-PJA3422 Datasheet
319Kb / 6P
30V N-Channel Enhancement Mode MOSFET??ESD Protected
PJE8404 PANJIT-PJE8404 Datasheet
323Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6832 PANJIT-PJS6832 Datasheet
308Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7812 PANJIT-PJT7812 Datasheet
332Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7412 PANJIT-PJC7412 Datasheet
346Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8804 PANJIT-PJX8804 Datasheet
326Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8812 PANJIT-PJX8812 Datasheet
331Kb / 6P
30V N-Channel Enhancement Mode MOSFET??ESD Protected
PJC7400B PANJIT-PJC7400B Datasheet
540Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
August 31,2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com