Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6833 Datasheet (PDF) - Pan Jit International Inc.

PJS6833 Datasheet PDF - Pan Jit International Inc.
Part # PJS6833
Download  PJS6833 Download
File Size   388.24 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 30V P-Channel Enhancement Mode MOSFETESD Protected

PJS6833 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJS6833 Datasheet PDF - Pan Jit International Inc.

Part # PJS6833
Download  PJS6833 Click to download

File Size   388.24 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 30V P-Channel Enhancement Mode MOSFETESD Protected

PJS6833 Datasheet (HTML) - Pan Jit International Inc.


PJS6833 Product details

Features
 RDS(ON) , VGS@-4,5V, ID@-1.1A<370mΩ
 RDS(ON) , VGS@-2.5V, ID@-0.5A<540mΩ
 RDS(ON) , VGS@-1.8V, ID@-0.1A<970mΩ
 Advanced Trench Process Technology
 Specially Designed for Switch Load, PWM Application, etc.
 ESD Protected 2KV HBM
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard




Similar Part No. - PJS6833

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6833 PANJIT-PJS6833 Datasheet
299Kb / 6P
30V P-Channel Enhancement Mode MOSFET ??ESD Protected
More results


Similar Description - PJS6833

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA3422 PANJIT-PJA3422 Datasheet
319Kb / 6P
30V N-Channel Enhancement Mode MOSFET??ESD Protected
PJA3433 PANJIT-PJA3433 Datasheet
293Kb / 6P
30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8405 PANJIT-PJE8405 Datasheet
322Kb / 6P
30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6832 PANJIT-PJS6832 Datasheet
308Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6833 PANJIT-PJS6833 Datasheet
299Kb / 6P
30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7412 PANJIT-PJC7412 Datasheet
346Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8804 PANJIT-PJX8804 Datasheet
326Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8805 PANJIT-PJX8805 Datasheet
326Kb / 6P
30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3407E PANJIT-PJA3407E Datasheet
528Kb / 6P
30V P-Channel Enhancement Mode MOSFET– ESD Protected
November 1,2021 PJA3407E-REV.00
PJA3409E PANJIT-PJA3409E Datasheet
513Kb / 6P
30V P-Channel Enhancement Mode MOSFET– ESD Protected
September 14,2021 PJA3409E-REV.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com