Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA01P3MB Datasheet (PDF) - ML Accessories Limited. All rights reserved.

BA01P3MB Datasheet PDF - ML Accessories Limited.  All rights reserved.
Part # BA01P3MB
Download  BA01P3MB Download
File Size   139.29 Kbytes
Page   1 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 230V IP44 G9 Triple Spotlight with Round Frosted Glass

BA01P3MB Datasheet (PDF)

Go To PDF Page Download Datasheet
BA01P3MB Datasheet PDF - ML Accessories Limited.  All rights reserved.

Part # BA01P3MB
Download  BA01P3MB Click to download

File Size   139.29 Kbytes
Page   1 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 230V IP44 G9 Triple Spotlight with Round Frosted Glass

BA01P3MB Datasheet (HTML) - ML Accessories Limited. All rights reserved.


BA01P3MB Product details

DESCRIPTION
230V IP44 G9 Triple Spotlight with Round Frosted Glass - Matt
Black




Similar Part No. - BA01P3MB

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
BA01P3C KNIGHTSBRIDGE-BA01P3C Datasheet
151Kb / 1P
230V IP44 G9 Triple Spotlight with Round Frosted Glass
03/05/2024
More results


Similar Description - BA01P3MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4753513 ETC2-4753513 Datasheet
30Kb / 1P
HALOGEN CAPSULE LAMP G9 240V 40W 1500HRS FROSTED
logo
LUMEX INC.
LCD-S301C31TR LUMEX-LCD-S301C31TR Datasheet
56Kb / 1P
TRIPLE DIGIT LCD GLASS
logo
Nell Semiconductor Co.,...
TTA1943 NELLSEMI-TTA1943 Datasheet
256Kb / 3P
Silicon PNP triple diffusion planar transistor -15A/-230V/150W
TTC5200 NELLSEMI-TTC5200 Datasheet
256Kb / 3P
Silicon NPN triple diffusion planar transistor 15A/230V/150W
logo
Molex Electronics Ltd.
130112-0128 MOLEX11-130112-0128 Datasheet
31Kb / 1P
Handle Assembly with Guard for Spotlight & Floodlight
130112-0129 MOLEX11-130112-0129 Datasheet
31Kb / 1P
Handle Assembly with Guard for Spotlight & Floodlight with Switch
logo
Inolux Corporation
HHT3XX60C INOLUX-HHT3XX60C Datasheet
601Kb / 10P
3mm Round Lamp with Triple Level Housing
logo
Ledil, Inc.
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com