Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2X25 Datasheet (PDF) - Belden Inc.

2X25 Datasheet PDF - Belden Inc.
Part # 2X25
Download  2X25 Download
File Size   156.65 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 350YY, 2C 25 mm² Str BC, PVC Ins, PVC Jkt

2X25 Datasheet (PDF)

Go To PDF Page Download Datasheet
2X25 Datasheet PDF - Belden Inc.

Part # 2X25
Download  2X25 Click to download

File Size   156.65 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 350YY, 2C 25 mm² Str BC, PVC Ins, PVC Jkt

2X25 Datasheet (HTML) - Belden Inc.


2X25 Product details

Product Description
MachFlex™ 350YY Control VDE Certified, 2 Conductor 25 mm² Stranded Bare Copper, PVC Insulation, PVC Jacket




Similar Part No. - 2X25

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2X2.5L BELDEN-2X2.5L Datasheet
157Kb / 2P
MachFlex™ 350HH, 2C 2.5 mm² Str BC, PP Ins, LSZH Jkt
02-15-2024
2X2.5L-006100M BELDEN-2X2.5L-006100M Datasheet
157Kb / 2P
MachFlex™ 350HH, 2C 2.5 mm² Str BC, PP Ins, LSZH Jkt
02-15-2024
2X2.5L-006200M BELDEN-2X2.5L-006200M Datasheet
157Kb / 2P
MachFlex™ 350HH, 2C 2.5 mm² Str BC, PP Ins, LSZH Jkt
02-15-2024
2X2.5L-006300M BELDEN-2X2.5L-006300M Datasheet
157Kb / 2P
MachFlex™ 350HH, 2C 2.5 mm² Str BC, PP Ins, LSZH Jkt
02-15-2024
2X2.5L-010100M BELDEN-2X2.5L-010100M Datasheet
157Kb / 2P
MachFlex™ 350HH, 2C 2.5 mm² Str BC, PP Ins, LSZH Jkt
02-15-2024
More results


Similar Description - 2X25

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7200A BELDEN-7200A Datasheet
236Kb / 3P
MachFlex?? 1 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7202A BELDEN-7202A Datasheet
241Kb / 3P
MachFlex?? 3 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7203A BELDEN-7203A Datasheet
248Kb / 3P
MachFlex?? 4 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
9626 BELDEN-9626 Datasheet
216Kb / 2P
Electronic, 25 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8459 BELDEN-8459 Datasheet
222Kb / 2P
Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
9622 BELDEN-9622 Datasheet
193Kb / 2P
Electronic, 25 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com