Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3C0.14YY Datasheet (PDF) - Belden Inc.

3C0.14YY Datasheet PDF - Belden Inc.
Part # 3C0.14YY
Download  3C0.14YY Download
File Size   155.87 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 3 C 0.14mm² Str BC, PVC Ins, PVC Jkt

3C0.14YY Datasheet (PDF)

Go To PDF Page Download Datasheet
3C0.14YY Datasheet PDF - Belden Inc.

Part # 3C0.14YY
Download  3C0.14YY Click to download

File Size   155.87 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 3 C 0.14mm² Str BC, PVC Ins, PVC Jkt

3C0.14YY Datasheet (HTML) - Belden Inc.


3C0.14YY Product details

Product Description
MachFlex™ LiYY PVC Control & Signal Cables, 3 Conductor 0.14mm² Stranded Bare Copper, PVC Insulation, PVC Jacket




Similar Part No. - 3C0.14YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3C0.25YCY BELDEN-3C0.25YCY Datasheet
151Kb / 2P
MachFlex™ LiYCY, 3 C 0.25mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
3C0.25YCY006100M BELDEN-3C0.25YCY006100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 3 C 0.25mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
3C0.25YCY006200M BELDEN-3C0.25YCY006200M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 3 C 0.25mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
3C0.25YCY006300M BELDEN-3C0.25YCY006300M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 3 C 0.25mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
3C0.25YCY010100M BELDEN-3C0.25YCY010100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 3 C 0.25mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
More results


Similar Description - 3C0.14YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7202A BELDEN-7202A Datasheet
241Kb / 3P
MachFlex?? 3 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
19352 BELDEN-19352 Datasheet
139Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19363 BELDEN-19363 Datasheet
142Kb / 2P
Portable Cordage, 3 C #16 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19401 BELDEN-19401 Datasheet
143Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
03-04-2023
9998 BELDEN-9998 Datasheet
139Kb / 2P
Portable Cordage, 3 C #16 Str BC, PVC Ins, PVC Jkt, UL Type SJT
05-05-2023
19362 BELDEN-19362 Datasheet
142Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19402 BELDEN-19402 Datasheet
176Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-11-2023
19403 BELDEN-19403 Datasheet
146Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com