Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1836683 Datasheet (PDF) - PHOENIX CONTACT

1836683 Datasheet PDF - PHOENIX CONTACT
Part # 1836683
Download  1836683 Download
File Size   491.76 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CC 2,5/ 2-GF-LR P20 THR - PCB header

1836683 Datasheet (PDF)

Go To PDF Page Download Datasheet
1836683 Datasheet PDF - PHOENIX CONTACT

Part # 1836683
Download  1836683 Click to download

File Size   491.76 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CC 2,5/ 2-GF-LR P20 THR - PCB header

1836683 Datasheet (HTML) - PHOENIX CONTACT


1836683 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Pin, number of potentials: 2, number of rows:
1, number of positions: 2, number of connections: 2, product range: CC 2,5/..-GF-LR, pitch: 5
mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2 mm, number of solder
pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector pattern alignment:
Standard, locking: Snap-in locking, mounting: Lock & release threaded flange, type of packaging:
packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Screwable flange for superior mechanical stability




Similar Part No. - 1836683

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
18366 VICOR-18366 Datasheet
148Kb / 4P
16. Through-hole Socket Mount System (InMate)
logo
PHOENIX CONTACT
1836609 PHOENIX-1836609 Datasheet
111Kb / 7P
Printed-circuit board connector - CCA 2,5/ 5-G P20THRR56
1836612 PHOENIX-1836612 Datasheet
109Kb / 6P
Printed-circuit board connector - CCA 2,5/ 6-G P20THRR56
1836625 PHOENIX-1836625 Datasheet
109Kb / 6P
Printed-circuit board connector - CCA 2,5/ 7-G P20THRR56
1836626 PHOENIX-1836626 Datasheet
103Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 6-ST-5,08 BK AU
11/04/2018
More results


Similar Description - 1836683

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836706 PHOENIX-1836706 Datasheet
122Kb / 7P
Printed-circuit board connector - CC 2,5/ 4-GF-LR P20 THR
1836829 PHOENIX-1836829 Datasheet
107Kb / 7P
Printed-circuit board connector - CC 2,5/16-GF-LR P20 THR
1836858 PHOENIX-1836858 Datasheet
107Kb / 7P
Printed-circuit board connector - CC 2,5/19-GF-LR P20 THR
1836890 PHOENIX-1836890 Datasheet
107Kb / 7P
Printed-circuit board connector - CC 2,5/23-GF-LR P20 THR
1836719 PHOENIX-1836719 Datasheet
487Kb / 15P
PCB header - CC 2,5/ 5-GF-LR P20 THR
Jan 10, 2023
1837365 PHOENIX-1837365 Datasheet
336Kb / 11P
CCV 2,5/ 2-GF-LR P20 THR - PCB header
1837420 PHOENIX-1837420 Datasheet
333Kb / 10P
CCV 2,5/ 8-GF-LR P20 THR - PCB header
1836735 PHOENIX-1836735 Datasheet
489Kb / 14P
CC 2,5/ 7-GF-LR P20 THR - PCB header
1836696 PHOENIX-1836696 Datasheet
491Kb / 15P
CC 2,5/ 3-GF-LR P20 THR - PCB header
1837404 PHOENIX-1837404 Datasheet
333Kb / 10P
CCV 2,5/ 6-GF-LR P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com