Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP80S54 Datasheet (PDF) - List of Unclassifed Manufacturers

CP80S54 Datasheet PDF - List of Unclassifed Manufacturers
Part # CP80S54
Download  CP80S54 Download
File Size   484.82 Kbytes
Page   47 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description EPROM/ROM-Based 8-Bit Microcontroller Series

CP80S54 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP80S54 Datasheet PDF - List of Unclassifed Manufacturers

Part # CP80S54
Download  CP80S54 Click to download

File Size   484.82 Kbytes
Page   47 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description EPROM/ROM-Based 8-Bit Microcontroller Series

CP80S54 Datasheet (HTML) - List of Unclassifed Manufacturers


CP80S54 Product details

GENERAL DESCRIPTION

The CP80S54/S56 series is a family of low-cost, high speed, high noise immunity, EPROM/ROM-based 8-bit CMOS microcontrollers. It employs a RISC architecture with only 42 instructions. All instructions are single cycle except for program branches which take two cycles. The easy to use and easy to remember instruction set reduces development time significantly.

The CP80S54/S56 series consists of Power-on Reset (POR), Brown-out Reset (BOR), Power-up Reset Timer (PWRT), Oscillator Start-up Timer(OST), Watchdog Timer, EPROM/ROM, SRAM, tri-state I/O port, I/O pull-high/open-drain/pull-down control, Power saving SLEEP mode, real time programmable clock/counter, Interrupt, Wake-up from SLEEP mode, and Code Protection for EPROM products. There are three oscillator configurations to choose from, including the power-saving LP (Low Power) oscillator and cost saving RC oscillator. The CP80S54/S54E address 512×13 of program memory, and the CP80S56/S56E address 1K×13 of program memory.

The CP80S54/S56 can directly or indirectly address its register files and data memory. All special function registers including the program counter are mapped in the data memory.



FEATURES

• Only 42 single word instructions

• All instructions are single cycle except for program branches which are two-cycle

• 13-bit wide instructions

• All ROM/EPROM area GOTO instruction

• All ROM/EPROM area subroutine CALL instruction

• 8-bit wide data path

• 5-level deep hardware stack

• Operating speed: DC-20 MHz clock input

                         DC-100 ns instruction cycle

• Direct, indirect addressing modes for data accessing

• 8-bit real time clock/counter (Timer0) with 8-bit programmable prescaler

• Internal Power-on Reset (POR)

• Built-in Low Voltage Detector (LVD) for Brown-out Reset (BOR)

• Power-up Reset Timer (PWRT) and Oscillator Start-up Timer(OST)

• On chip Watchdog Timer (WDT) with internal oscillator for reliable operation and soft-ware watch-dog enable/disable control

• Two I/O ports IOA and IOB with independent direction control (maximum 16 I/O pins)

• Soft-ware I/O pull-high/pull-down or open-drain control

• One internal interrupt source: Timer0 overflow; Two external interrupt source: INT pin, Port B input change

• Wake-up from SLEEP by INT pin or Port B input change

• Power saving SLEEP mode

• Built-in 8MHz, 4MHz, 1MHz, and 455KHz internal RC oscillator

• Programmable Code Protection

• Selectable oscillator options:

   - ERC: External Resistor/Capacitor Oscillator

   - HF: High Frequency Crystal/Resonator Oscillator

   - XT: Crystal/Resonator Oscillator

   - LF: Low Frequency Crystal Oscillator

   - IRC: Internal Resistor/Capacitor Oscillator

   - ERIC: External Resistor/Internal Capacitor Oscillator

• Wide-operating voltage range:

   - EPROM : 2.3V to 5.5V

   - ROM : 2.3V to 5.5V



 




Similar Part No. - CP80S54

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
CP80 MULTICOMP-CP80 Datasheet
159Kb / 2P
Single Phase Bridge Rectifiers CP80 Series
13/06/12 V1.1
logo
Pan Jit International I...
CP800 PANJIT-CP800 Datasheet
59Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP800 TRSYS-CP800 Datasheet
114Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
Pan Jit International I...
CP801 PANJIT-CP801 Datasheet
59Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
More results


Similar Description - CP80S54

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
EPROM/ROM-Based 8-Bit Microcontroller
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
EPROM/ROM-Based 8-Bit Microcontroller Series
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
EPROM/ROM-Based 8-Bit Microcontroller
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
EPROM/ROM-Based 8-Bit Microcontroller Series
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
EPROM/ROM-Based 8-Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com