Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPL405-50-PM Datasheet (PDF) - Roithner LaserTechnik GmbH

SPL405-50-PM Datasheet PDF - Roithner LaserTechnik GmbH
Part # SPL405-50-PM
Download  SPL405-50-PM Download
File Size   490.05 Kbytes
Page   3 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description Fiber-Coupled Laser Diode

SPL405-50-PM Datasheet (PDF)

Go To PDF Page Download Datasheet
SPL405-50-PM Datasheet PDF - Roithner LaserTechnik GmbH

Part # SPL405-50-PM
Download  SPL405-50-PM Click to download

File Size   490.05 Kbytes
Page   3 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description Fiber-Coupled Laser Diode

SPL405-50-PM Datasheet (HTML) - Roithner LaserTechnik GmbH


SPL405-50-PM Product details

Description
SPL405-50-PM is a fiber-coupled laser diode, typically emitting at 405 nm with an output power of 50 mW. It comes in a coaxial package with a mounting bracket, with 3 μm polarization maintaining fiber and FC/APC connector.
Additional options like closer peak wavelength selection or alternative package are available on request.




Similar Part No. - SPL405-50-PM

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
SPL405-50-105M ROCHESTER-SPL405-50-105M Datasheet
165Kb / 3P
Pigtailed Coaxial Laser Diode
logo
Roithner LaserTechnik G...
SPL405-50-105M ROITHNER-SPL405-50-105M Datasheet
165Kb / 3P
Pigtailed Coaxial Laser Diode
SPL405-50-3 ROITHNER-SPL405-50-3 Datasheet
490Kb / 3P
Pigtailed Laser Diode
03 / 2022
SPL405-50-3-PD ROITHNER-SPL405-50-3-PD Datasheet
362Kb / 2P
Violet Pigtailed Laser Diode
03 / 2023
logo
Rochester Electronics
SPL405-50-50M ROCHESTER-SPL405-50-50M Datasheet
165Kb / 3P
Pigtailed Coaxial Laser Diode
More results


Similar Description - SPL405-50-PM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
FCLM405S25LD1 OPLINK-FCLM405S25LD1 Datasheet
371Kb / 2P
Fiber Coupled Laser Module
logo
Roithner LaserTechnik G...
G145PU38W ROITHNER-G145PU38W Datasheet
134Kb / 3P
High Power Fiber Coupled Infrared Laser Diode
G098PU322W ROITHNER-G098PU322W Datasheet
425Kb / 4P
High Power Fiber Coupled Infrared Laser Diode
G081PU1750M ROITHNER-G081PU1750M Datasheet
226Kb / 4P
High Power Fiber Coupled Infrared Laser Diode
G081PU1600M ROITHNER-G081PU1600M Datasheet
225Kb / 4P
High Power Fiber Coupled Infrared Laser Diode
LFO-18-D ROITHNER-LFO-18-D Datasheet
77Kb / 2P
Fiber Coupled Laser Diode
RLTMFC-808 ROITHNER-RLTMFC-808 Datasheet
110Kb / 3P
High Power Fiber Coupled Diode Laser System
logo
Analog Technologies, In...
ATFLD1W830 ANALOGTECHNOLOGIES-ATFLD1W830 Datasheet
250Kb / 3P
Fiber Coupled Laser Diode Module
3/18/2021
ATFLD2W830 ANALOGTECHNOLOGIES-ATFLD2W830 Datasheet
243Kb / 4P
Fiber Coupled Laser Diode
4/9/2021
ATFLD3W830 ANALOGTECHNOLOGIES-ATFLD3W830 Datasheet
237Kb / 3P
Fiber Coupled Laser Diode Module
3/18/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com