Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3D10065I Datasheet (PDF) - SMC Diode Solutions Co. LTD

S3D10065I Datasheet PDF - SMC Diode Solutions Co. LTD
Part # S3D10065I
Download  S3D10065I Download
File Size   1839.61 Kbytes
Page   11 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 10A 650V SIC POWER SCHOTTKY RECTIFIERS

S3D10065I Datasheet (PDF)

Go To PDF Page Download Datasheet
S3D10065I Datasheet PDF - SMC Diode Solutions Co. LTD

Part # S3D10065I
Download  S3D10065I Click to download

File Size   1839.61 Kbytes
Page   11 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 10A 650V SIC POWER SCHOTTKY RECTIFIERS

S3D10065I Datasheet (HTML) - SMC Diode Solutions Co. LTD


S3D10065I Product details

175°C TJ operation
Ultra-low switching loss
Switching speeds independent of operating temperature
Low total conduction losses
High forward surge current capability
High package isolation voltage
Terminals finish: 100% Pure Tin
“-A” is an AEC-Q101 qualified device
Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional electrical and life testing can be performed
upon request




Similar Part No. - S3D10065I

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
S3D10065E1 SMCDIODE-S3D10065E1 Datasheet
1Mb / 7P
650V SIC POWER SCHOTTKY RECTIFIER
REV. -
S3D10065E1TR SMCDIODE-S3D10065E1TR Datasheet
1Mb / 7P
650V SIC POWER SCHOTTKY RECTIFIER
REV. -
S3D10065E2 SMCDIODE-S3D10065E2 Datasheet
440Kb / 6P
650V SIC POWER SCHOTTKY RECTIFIER
REV.A
S3D10065L SMCDIODE-S3D10065L Datasheet
540Kb / 6P
650V SIC POWER SCHOTTKY RECTIFIER
REV.B
S3D10065LTR SMCDIODE-S3D10065LTR Datasheet
540Kb / 6P
650V SIC POWER SCHOTTKY RECTIFIER
REV.B
More results


Similar Description - S3D10065I

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW32G65C5B INFINEON-IDW32G65C5B_15 Datasheet
735Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW40G65C5B INFINEON-IDW40G65C5B_15 Datasheet
707Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
GeneSiC Semiconductor, ...
GE10MPS06A GENESIC-GE10MPS06A Datasheet
511Kb / 7P
650V 10A SiC Schottky MPS??Diode
GE10MPS06E GENESIC-GE10MPS06E Datasheet
506Kb / 7P
650V 10A SiC Schottky MPS??Diode
logo
UnitedSiC.
UJ3D06510TS UNITEDSIC-UJ3D06510TS Datasheet
967Kb / 5P
10A - 650V SiC Schottky Diode
Rev. B, January 2018
UJD06510TS UNITEDSIC-UJD06510TS Datasheet
514Kb / 4P
10A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
logo
Silicon Supplies
SIS650S10AS SS-SIS650S10AS Datasheet
1Mb / 3P
650V 10A SiC Schottky Diode
Rev 1.0 30/10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com