Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD32C Datasheet (PDF) - Inchange Semiconductor Company Limited

MJD32C Datasheet PDF - Inchange Semiconductor Company Limited
Part # MJD32C
Download  MJD32C Download
File Size   278.32 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistor

MJD32C Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD32C Datasheet PDF - Inchange Semiconductor Company Limited

Part # MJD32C
Download  MJD32C Click to download

File Size   278.32 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistor

MJD32C Datasheet (HTML) - Inchange Semiconductor Company Limited


MJD32C Product details

DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 100V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat):= -1.2V(Max) @IC= -3A
·Complement to Type MJD31C
APPLICATIONS
· Designed for low power audio amplifier and low-current,
high-speed switching applications




Similar Part No. - MJD32C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD32C ONSEMI-MJD32C Datasheet
150Kb / 6P
SILICON POWER TRANSISTORS
1998
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
65Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
May-1999
logo
Fairchild Semiconductor
MJD32C FAIRCHILD-MJD32C Datasheet
49Kb / 5P
General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD32C ONSEMI-MJD32C Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
173Kb / 9P
Low voltage PNP power transistor
25-Jun-2007
More results


Similar Description - MJD32C

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com