Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1377306 Datasheet (PDF) - PHOENIX CONTACT

1377306 Datasheet PDF - PHOENIX CONTACT
Part # 1377306
Download  1377306 Download
File Size   340.91 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FR 1,27/100-MH - SMD male connectors

1377306 Datasheet (PDF)

Go To PDF Page Download Datasheet
1377306 Datasheet PDF - PHOENIX CONTACT

Part # 1377306
Download  1377306 Click to download

File Size   340.91 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FR 1,27/100-MH - SMD male connectors

1377306 Datasheet (HTML) - PHOENIX CONTACT


1377306 Product details

SMD male connector, nominal current: 2 A, Test voltage: 500 V AC, number of positions: 100,
pitch: 1.27 mm, color: black, contact surface: Gold, contact connection type: Pin, mounting: SMD
soldering

Your advantages
• The first high-speed data transmission at up to 28 Gbps using the established market standard, opens up new design possibilities.
• Robust 6-pos. to 100-pos. board-to-board and wire-to-board connectors ensure greater flexibility with regard to component options.
• Time savings during the development process with customer-specific simulations for data integrity.
• Gold-plated contact points enable long-term stable signal transmission and currents of up to 2.3 A.
• Design-in support during device development using MCAD/ECAD data and a free sample service.




Similar Part No. - 1377306

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1377300 PHOENIX-1377300 Datasheet
380Kb / 9P
FR 1,27/ 26-MH - SMD male connectors
1377301 PHOENIX-1377301 Datasheet
365Kb / 9P
FR 1,27/ 32-MH - SMD male connectors
1377302 PHOENIX-1377302 Datasheet
371Kb / 9P
FR 1,27/ 40-MH - SMD male connectors
1377303 PHOENIX-1377303 Datasheet
366Kb / 9P
FR 1,27/ 50-MH - SMD male connectors
1377304 PHOENIX-1377304 Datasheet
361Kb / 9P
FR 1,27/ 68-MH - SMD male connectors
More results


Similar Description - 1377306

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714916 PHOENIX-1714916 Datasheet
100Kb / 6P
SMD male connectors - FP 1,27/ 26-MH
1714918 PHOENIX-1714918 Datasheet
100Kb / 6P
SMD male connectors - FP 1,27/ 40-MH
1337146 PHOENIX-1337146 Datasheet
452Kb / 9P
FR 1,27/100-MV 3,25 - SMD male connectors
1377299 PHOENIX-1377299 Datasheet
386Kb / 9P
FR 1,27/ 20-MH - SMD male connectors
1377302 PHOENIX-1377302 Datasheet
371Kb / 9P
FR 1,27/ 40-MH - SMD male connectors
1377304 PHOENIX-1377304 Datasheet
361Kb / 9P
FR 1,27/ 68-MH - SMD male connectors
1373896 PHOENIX-1373896 Datasheet
451Kb / 9P
FR 1,27/100-MV 1,75 - SMD male connectors
1377298 PHOENIX-1377298 Datasheet
385Kb / 9P
FR 1,27/ 16-MH - SMD male connectors
1377300 PHOENIX-1377300 Datasheet
380Kb / 9P
FR 1,27/ 26-MH - SMD male connectors
1377303 PHOENIX-1377303 Datasheet
366Kb / 9P
FR 1,27/ 50-MH - SMD male connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com