Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4D02120F Datasheet (PDF) - SMC Diode Solutions Co. LTD

S4D02120F Datasheet PDF - SMC Diode Solutions Co. LTD
Part # S4D02120F
Download  S4D02120F Download
File Size   1491.79 Kbytes
Page   9 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 1200V SIC POWER SCHOTTKY RECTIFIERS

S4D02120F Datasheet (PDF)

Go To PDF Page Download Datasheet
S4D02120F Datasheet PDF - SMC Diode Solutions Co. LTD

Part # S4D02120F
Download  S4D02120F Click to download

File Size   1491.79 Kbytes
Page   9 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 1200V SIC POWER SCHOTTKY RECTIFIERS

S4D02120F Datasheet (HTML) - SMC Diode Solutions Co. LTD


S4D02120F Product details

175°C TJ operation
Ultra-low switching loss
Switching speeds independent of operating temperature
Low total conduction losses
High forward surge current capability
High package isolation voltage
Terminals finish: 100% Pure Tin
“-A” is an AEC-Q101 qualified device
Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional electrical and life testing can be performed
upon request




Similar Part No. - S4D02120F

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
S4D04120A SMCDIODE-S4D04120A Datasheet
1Mb / 8P
1200V SIC POWER SCHOTTKY RECTIFIERS
REV. C
S4D04120E SMCDIODE-S4D04120E Datasheet
1Mb / 8P
1200V SIC POWER SCHOTTKY RECTIFIERS
REV. C
S4D04120ETR SMCDIODE-S4D04120ETR Datasheet
1Mb / 8P
1200V SIC POWER SCHOTTKY RECTIFIERS
REV. C
S4D05120A SMCDIODE-S4D05120A Datasheet
1Mb / 9P
1200V SIC POWER SCHOTTKY RECTIFIERS
REV. D
S4D05120E SMCDIODE-S4D05120E Datasheet
1Mb / 9P
1200V SIC POWER SCHOTTKY RECTIFIERS
REV. D
More results


Similar Description - S4D02120F

ManufacturerPart #DatasheetDescription
logo
UnitedSiC.
UJ2D1205T UNITEDSIC-UJ2D1205T Datasheet
517Kb / 4P
5A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ2D1220K UNITEDSIC-UJ2D1220K Datasheet
520Kb / 4P
20A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ2D1230K UNITEDSIC-UJ2D1230K Datasheet
517Kb / 4P
30A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ3D1202TS UNITEDSIC-UJ3D1202TS Datasheet
302Kb / 6P
2A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1210K2 UNITEDSIC-UJ3D1210K2 Datasheet
310Kb / 6P
10A -1200V SiC Schottky Diode
Rev. B, April 2020
UJ3D1210KS UNITEDSIC-UJ3D1210KS Datasheet
326Kb / 6P
10A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1210KSD UNITEDSIC-UJ3D1210KSD Datasheet
332Kb / 6P
10A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1210TS UNITEDSIC-UJ3D1210TS Datasheet
311Kb / 6P
10A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1250K UNITEDSIC-UJ3D1250K Datasheet
329Kb / 6P
50A -1200V SiC Schottky Diode
Rev. D, May 2020
UJ3D1250K2 UNITEDSIC-UJ3D1250K2 Datasheet
315Kb / 6P
50A -1200V SiC Schottky Diode
Rev. B, April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com