Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5D10170H2 Datasheet (PDF) - SMC Diode Solutions Co. LTD

S5D10170H2 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # S5D10170H2
Download  S5D10170H2 Download
File Size   1249.43 Kbytes
Page   7 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 1700V SIC POWER SCHOTTKY RECTIFIERS

S5D10170H2 Datasheet (PDF)

Go To PDF Page Download Datasheet
S5D10170H2 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # S5D10170H2
Download  S5D10170H2 Click to download

File Size   1249.43 Kbytes
Page   7 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 1700V SIC POWER SCHOTTKY RECTIFIERS

S5D10170H2 Datasheet (HTML) - SMC Diode Solutions Co. LTD


S5D10170H2 Product details

175°C TJ operation
Ultra-low switching loss
Switching speeds independent of operating temperature
Low total conduction losses
High forward surge current capability
High package isolation voltage
Terminals finish: 100% Pure Tin
Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional electrical and life testing can be performed
upon request




Similar Part No. - S5D10170H2

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
S5D1424 SYNERGY-S5D1424 Datasheet
441Kb / 3P
5-WAY POWER DIVIDER
More results


Similar Description - S5D10170H2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PT62SCMD17 CREE-PT62SCMD17 Datasheet
1,015Kb / 12P
Dual 1700V SIC MOSFET driver
logo
GeneSiC Semiconductor, ...
GB05MPS17-263 GENESIC-GB05MPS17-263 Datasheet
723Kb / 7P
1700V 5A SiC Schottky MPS??Diode
GD2X75MPS17N GENESIC-GD2X75MPS17N Datasheet
595Kb / 7P
1700V 150A SiC Schottky MPS??Diode
GD10MPS17H GENESIC-GD10MPS17H Datasheet
517Kb / 7P
1700V 10A SiC Schottky MPS??Diode
GD75MPS17-CAL GENESIC-GD75MPS17-CAL Datasheet
296Kb / 6P
1700V 75A SiC Schottky MPS??Diode
logo
UnitedSiC.
UF3C170400K3S UNITEDSIC-UF3C170400K3S Datasheet
367Kb / 10P
1700V-410mW SiC FET
Rev. A, January 2020
UF3N170400 UNITEDSIC-UF3N170400 Datasheet
222Kb / 9P
1700V-400m廓 SiC Normally-on JFET
Preliminary, March 2019
UF3N170400B7S UNITEDSIC-UF3N170400B7S Datasheet
520Kb / 10P
1700V-400mW SiC Normally-on JFET
Rev. B, September 2021
UJ3D1725K2 UNITEDSIC-UJ3D1725K2 Datasheet
329Kb / 6P
25A - 1700V SiC Schottky Diode
Rev. A, September 2020
UJ3N1701K2 UNITEDSIC-UJ3N1701K2 Datasheet
286Kb / 8P
1700V-1.1W SiC Normally-on JFET
Rev. A, February 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com