Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2022UK Datasheet (PDF) - Sames

D2022UK Datasheet PDF - Sames
Part # D2022UK
Download  D2022UK Download
File Size   21.55 Kbytes
Page   2 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 45W - 28V - 500MHz PUSH-PULL

D2022UK Datasheet (PDF)

Go To PDF Page Download Datasheet
D2022UK Datasheet PDF - Sames

Part # D2022UK
Download  D2022UK Click to download

File Size   21.55 Kbytes
Page   2 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 45W - 28V - 500MHz PUSH-PULL

D2022UK Datasheet (HTML) - Sames


D2022UK Product details

FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
• VERY LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 13 dB MINIMUM

APPLICATIONS
• VHF/UHF COMMUNICATIONS from 50 MHz to 1 GHz




Similar Part No. - D2022UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2022UK SEME-LAB-D2022UK Datasheet
52Kb / 2P
METAL GATE RF SILICON FET
More results


Similar Description - D2022UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1001UK SEME-LAB-D1001UK Datasheet
43Kb / 4P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 20W - 28V - 175MHz SINGLE ENDED
logo
List of Unclassifed Man...
D1014 ETC-D1014 Datasheet
828Kb / 4P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET
logo
Seme LAB
D1024UK SEME-LAB-D1024UK Datasheet
71Kb / 4P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 40W - 28V - 500MHz PUSH-PULL
D1025UK SEME-LAB-D1025UK Datasheet
35Kb / 2P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 100W - 28V - 175MHz SINGLE ENDED
D1222UK SEME-LAB-D1222UK Datasheet
19Kb / 2P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 60W - 12.5V - 175MHz PUSH-PULL
D2208UK SEME-LAB-D2208UK Datasheet
52Kb / 2P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 40W - 12.5V - 500MHz PUSH-PULL
D2014UK SEME-LAB-D2014UK Datasheet
38Kb / 2P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 2.5W - 28V - 500MHz SINGLE ENDED
D1030UK SEME-LAB-D1030UK Datasheet
18Kb / 2P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 400W - 28V - 175MHz PUSH-PULL
D1034UK SEME-LAB-D1034UK Datasheet
21Kb / 2P
METAL GATE RF SILICON FET(GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 80W - 28V - 500MHz PUSH-PULL)
DMD5012 SEME-LAB-DMD5012 Datasheet
69Kb / 5P
IMPROVED PERFORMANCE GOLD METALLISED SILICON DMOS RF FET 100W - 50V - 500MHz PUSH-PULL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com