Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST131V-800D Datasheet (PDF) - SMC Diode Solutions Co. LTD

SST131V-800D Datasheet PDF - SMC Diode Solutions Co. LTD
Part # SST131V-800D
Download  SST131V-800D Download
File Size   357.91 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Series 1A TRIACs

SST131V-800D Datasheet (PDF)

Go To PDF Page Download Datasheet
SST131V-800D Datasheet PDF - SMC Diode Solutions Co. LTD

Part # SST131V-800D
Download  SST131V-800D Click to download

File Size   357.91 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Series 1A TRIACs

SST131V-800D Datasheet (HTML) - SMC Diode Solutions Co. LTD




Similar Part No. - SST131V-800D

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SST130U-600D SMCDIODE-SST130U-600D Datasheet
214Kb / 5P
0.8A TRIACs
Rev.A
logo
CIT Relay & Switch
SST134 CIT-SST134 Datasheet
152Kb / 2P
CIT SWITCH
logo
SMC Diode Solutions Co....
SST136C-600E SMCDIODE-SST136C-600E Datasheet
265Kb / 5P
4A TRIACs
Rev.-
SST136C-600E/F SMCDIODE-SST136C-600E/F Datasheet
265Kb / 5P
4A TRIACs
Rev.-
SST136K-600D/E SMCDIODE-SST136K-600D/E Datasheet
265Kb / 5P
4A TRIACs
Rev.-
More results


Similar Description - SST131V-800D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
74Kb / 8P
1A TRIACS
14-Dec-2010
logo
JIEJIE MICROELECTRONICS...
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
1A TRIACs
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
1A TRIACS
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
Standard 1A Triacs
14-Dec-2010
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
Standard TRIACs, 1A
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
1A TRIACS
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
Standard 1A Triacs
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
1A TRIACs
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
1A TRIACs
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
1A 500V/600V BIDIRECTIONAL TRIACS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com