Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHP10N40 Datasheet (PDF) - NXP Semiconductors

PHP10N40 Datasheet PDF - NXP Semiconductors
Part # PHP10N40
Download  PHP10N40 Download
File Size   54.3 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PowerMOS transistor

PHP10N40 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHP10N40 Datasheet PDF - NXP Semiconductors

Part # PHP10N40
Download  PHP10N40 Click to download

File Size   54.3 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PowerMOS transistor

PHP10N40 Datasheet (HTML) - NXP Semiconductors


PHP10N40 Product details

GENERAL DESCRIPTION
N-channel enhancement mode field-effect power transistor in a plastic envelope featuring high avalanche energy capability, stable blocking voltage, fast switching and high thermal cycling performance with low thermal resistance. Intended for use in Switched Mode Power Supplies (SMPS), motor control circuits and general purpose switching applications.

QUICK REFERENCE DATA
SYMBOL PARAMETER MAX. UNIT
VDS Drain-source voltage 400 V
ID Drain current (DC) 10.7 A
Ptot Total power dissipation 147 W
RDS(ON) Drain-source on-state resistance 0.55 Ω




Similar Part No. - PHP10N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PHP10N40 ISC-PHP10N40 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
PHP10N40E PHILIPS-PHP10N40E Datasheet
115Kb / 7P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.000
More results


Similar Description - PHP10N40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK436W-200A PHILIPS-BUK436W-200A Datasheet
71Kb / 7P
PowerMOS transistor
July 1997 Rev 1.000
PHP18N20E PHILIPS-PHP18N20E Datasheet
54Kb / 7P
PowerMOS transistor
March 1997 Rev 1.000
PHP20N06E PHILIPS-PHP20N06E Datasheet
54Kb / 7P
PowerMOS transistor
August 1996 Rev 1.000
PHP2N40 PHILIPS-PHP2N40 Datasheet
57Kb / 7P
PowerMOS transistor
June 1997 Rev 1.000
PHP2N60 PHILIPS-PHP2N60 Datasheet
51Kb / 7P
PowerMOS transistor
April 1997 Rev 1.001
PHP36N06E PHILIPS-PHP36N06E Datasheet
51Kb / 7P
PowerMOS transistor
August 1996 Rev 1.000
PHP4N50E PHILIPS-PHP4N50E Datasheet
21Kb / 4P
PowerMOS transistor
October 1996 Rev 1.000
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
PowerMOS transistor
June 1997 1 Rev 1.000
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com