Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1409005 Datasheet (PDF) - PHOENIX CONTACT

1409005 Datasheet PDF - PHOENIX CONTACT
Part # 1409005
Download  1409005 Download
File Size   370.42 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4ACR/10,0-93B/R4ACR - Patch cable

1409005 Datasheet (PDF)

Go To PDF Page Download Datasheet
1409005 Datasheet PDF - PHOENIX CONTACT

Part # 1409005
Download  1409005 Click to download

File Size   370.42 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4ACR/10,0-93B/R4ACR - Patch cable

1409005 Datasheet (HTML) - PHOENIX CONTACT


1409005 Product details

Patch cable, degree of protection: IP20, cable length: 10 m, number of positions: 4, 100 Mbps,
CAT5, PROFINET

Your advantages
• Compact angle
• Perfect for industrial applications
• PVC cable for flexible installations
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 1 Gbps (CAT5)




Similar Part No. - 1409005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1409002 PHOENIX-1409002 Datasheet
370Kb / 9P
NBC-R4ACR/1,0-93B/R4ACR - Patch cable
1409003 PHOENIX-1409003 Datasheet
370Kb / 9P
NBC-R4ACR/2,0-93B/R4ACR - Patch cable
1409004 PHOENIX-1409004 Datasheet
370Kb / 9P
NBC-R4ACR/5,0-93B/R4ACR - Patch cable
1409008 PHOENIX-1409008 Datasheet
57Kb / 3P
Housing - HC-ADV-B24-CHFH-1TTM40-EEE
More results


Similar Description - 1409005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407508 PHOENIX-1407508 Datasheet
198Kb / 14P
Network cable - NBC-MSD/ 1,0-93B/R4ACR SCO
09/11/2020
1113216 PHOENIX-1113216 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACB/10,0-93B/R4ACB
1407511 PHOENIX-1407511 Datasheet
682Kb / 18P
NBC-M12MSD/10,0-93B/R4ACR - Network cable
1407510 PHOENIX-1407510 Datasheet
685Kb / 18P
NBC-M12MSD/ 5,0-93B/R4ACR - Network cable
1407509 PHOENIX-1407509 Datasheet
687Kb / 19P
NBC-M12MSD/ 2,0-93B/R4ACR - Network cable
1407539 PHOENIX-1407539 Datasheet
686Kb / 18P
NBC-M12FSD/10,0-93B/R4ACR - Network cable
1407536 PHOENIX-1407536 Datasheet
688Kb / 19P
NBC-M12FSD/ 1,0-93B/R4ACR - Network cable
1413493 PHOENIX-1413493 Datasheet
465Kb / 10P
NBC-FSDBPS/0,33-93B/R4ACR - Patch cable
1247652 PHOENIX-1247652 Datasheet
344Kb / 11P
NBC-R4ACS-R4ACR-PN4/.../... - Patch cable
1407538 PHOENIX-1407538 Datasheet
685Kb / 18P
NBC-M12FSD/ 5,0-93B/R4ACR - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com