Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPB60R040C7 Datasheet (PDF) - Inchange Semiconductor Company Limited

IPB60R040C7 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IPB60R040C7
Download  IPB60R040C7 Download
File Size   397.3 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel Super-JMOSFET

IPB60R040C7 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPB60R040C7 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IPB60R040C7
Download  IPB60R040C7 Click to download

File Size   397.3 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel Super-JMOSFET

IPB60R040C7 Datasheet (HTML) - Inchange Semiconductor Company Limited


IPB60R040C7 Product details

FEATURES
· Drain Current -ID= 50A@ TC=25℃
· Drain Source Voltage -VDSS= 600V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 65mΩ(Max)@VGS= 10V
APPLICATIONS
· Switch Mode Power Supply (SMPS)
· Uninterruptible Power Supply (UPS)
· Power Factor Correction (PFC)




Similar Part No. - IPB60R040C7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R040C7 INFINEON-IPB60R040C7 Datasheet
1Mb / 14P
600V CoolMOS짧 C7 Power Transistor
Rev.2.0,2016-03-01
More results


Similar Description - IPB60R040C7

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS10N65SJ BWTECH-MS10N65SJ Datasheet
744Kb / 6P
N-Channel Super Junction MOSFET
logo
KODENSHI_AUK CORP.
SJMN60R38D KODENSHI-SJMN60R38D Datasheet
462Kb / 8P
N-Channel Super Junction MOSFET
SJMN60R38F KODENSHI-SJMN60R38F Datasheet
523Kb / 8P
N-Channel Super Junction MOSFET
SJMN65R38D KODENSHI-SJMN65R38D Datasheet
440Kb / 8P
N-Channel Super Junction MOSFET
SJMN088R65W KODENSHI-SJMN088R65W Datasheet
401Kb / 8P
N-Channel Super Junction MOSFET
logo
Shenzhen Huazhimei Semi...
HMS10N80F HMSEMI-HMS10N80F Datasheet
502Kb / 3P
N-Channel Super Junction MOSFET
HMS11N65F HMSEMI-HMS11N65F Datasheet
721Kb / 7P
N-Channel Super Junction MOSFET
HMS21N65T HMSEMI-HMS21N65T Datasheet
721Kb / 7P
N-Channel Super Junction MOSFET
HMS25N65T HMSEMI-HMS25N65T Datasheet
629Kb / 7P
N-Channel Super Junction MOSFET
logo
Inchange Semiconductor ...
STP10NK80ZFP ISC-STP10NK80ZFP Datasheet
303Kb / 2P
N-Channel Super Junction MOSFET
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com