Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A79 Datasheet (PDF) - Tyco Electronics

A79 Datasheet PDF - Tyco Electronics
Part # A79_1
Download  A79 Download
File Size   386.52 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 300 MHz

A79 Datasheet (PDF)

Go To PDF Page Download Datasheet
A79 Datasheet PDF - Tyco Electronics

Part # A79_1
Download  A79 Click to download

File Size   386.52 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 300 MHz

A79 Datasheet (HTML) - Tyco Electronics




Similar Part No. - A79_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A79 MA-COM-A79_15 Datasheet
618Kb / 3P
Cascadable Amplifier
More results


Similar Description - A79_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
5 TO 1200 MHz CASCADABLE AMPLIFIER
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A78 MACOM-A78 Datasheet
109Kb / 1P
5 TO 300 MHz CASCADABLE AMPLIFIER
A79 MACOM-A79 Datasheet
112Kb / 1P
5 TO 300 MHz CASCADABLE AMPLIFIER
A87-2 MACOM-A87-2 Datasheet
108Kb / 1P
10 TO 300 MHz CASCADABLE AMPLIFIER
A88-1 MACOM-A88-1 Datasheet
358Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A78 MACOM-A78_1 Datasheet
382Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A87-2 MACOM-A87-2_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 300 MHz
logo
M/A-COM Technology Solu...
A88-1 MA-COM-A88-1 Datasheet
195Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A78 MA-COM-A78_15 Datasheet
644Kb / 3P
Cascadable Amplifier 5 to 300 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com