Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A101 Datasheet (PDF) - Tyco Electronics

A101 Datasheet PDF - Tyco Electronics
Part # A101
Download  A101 Download
File Size   408.3 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 100 MHz

A101 Datasheet (PDF)

Go To PDF Page Download Datasheet
A101 Datasheet PDF - Tyco Electronics

Part # A101
Download  A101 Click to download

File Size   408.3 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 100 MHz

A101 Datasheet (HTML) - Tyco Electronics




Similar Part No. - A101

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A101 MACOM-A101 Datasheet
89Kb / 1P
5 TO 100 MHZ TO-8 CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A101 MA-COM-A101 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 100 MHz
A101-SMA101 MA-COM-A101-SMA101 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Actel Corporation
A1010 ACTEL-A1010 Datasheet
1Mb / 98P
Highly Predictable Performance with 100% Automatic Placement and Routing
A1010 ACTEL-A1010 Datasheet
172Kb / 24P
5V and 3.3V Families fully compatible with JEDEC specifications
More results


Similar Description - A101

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A101 MACOM-A101 Datasheet
89Kb / 1P
5 TO 100 MHZ TO-8 CASCADABLE AMPLIFIER
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
5 TO 1200 MHz CASCADABLE AMPLIFIER
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
A79 MACOM-A79 Datasheet
112Kb / 1P
5 TO 300 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
SMA11 MA-COM-SMA11 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A56 MA-COM-A56 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 400 MHz
A101 MA-COM-A101 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 100 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com