Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5518B Datasheet (PDF) - Silicon Supplies

1N5518B Datasheet PDF - Silicon Supplies
Part # 1N5518B
Download  1N5518B Download
File Size   295.88 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 0.5W Zener Diode

1N5518B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5518B Datasheet PDF - Silicon Supplies

Part # 1N5518B
Download  1N5518B Click to download

File Size   295.88 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 0.5W Zener Diode

1N5518B Datasheet (HTML) - Silicon Supplies


1N5518B Product details

Features
 Sharp Reverse Characteristics
 Low Reverse Current Levels
 High Reliability Gold Back Metal
 High Reliability Tested Grades.




Similar Part No. - 1N5518B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5518B JGD-1N5518B Datasheet
243Kb / 2P
0.4W LOW VOLTAGE AVALANCHE DIODES
logo
Compensated Deuices Inc...
1N5518B CDI-DIODE-1N5518B Datasheet
99Kb / 2P
LOW REVERSE LEAKAGE CHARACTERISTICS
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
113Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
Low Voltage Avalanche 500 mW Zener Diodes DO-35
1N5518B MICROSEMI-1N5518B Datasheet
114Kb / 2P
LOW REVERSE LEAKAGE CHARACTERISTICS
More results


Similar Description - 1N5518B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3Z284C2V4 DIODES-PD3Z284C2V4 Datasheet
332Kb / 5P
0.5W SURFACE MOUNT ZENER DIODE
DS30702 Rev. 8 - 2
PD3Z284C2V4 DIODES-PD3Z284C2V4_08 Datasheet
165Kb / 4P
0.5W SURFACE MOUNT ZENER DIODE
DS30702 Rev. 9 - 2
UDZ5V1BF DIODES-UDZ5V1BF Datasheet
93Kb / 4P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
DS32228 Rev. 5 - 2
DDZ2V4ASF DIODES-DDZ2V4ASF Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
PD3Z284C2V4 DIODES-PD3Z284C2V4_16 Datasheet
312Kb / 5P
0.5W SURFACE MOUNT ZENER DIODE
Rev 11
logo
Silicon Supplies
BZX55A SS-BZX55A Datasheet
371Kb / 3P
0.5W Zener Diode
BZX55A SS-BZX55A_19 Datasheet
367Kb / 3P
0.5W Zener Diode
1N5221D SS-1N5221D Datasheet
342Kb / 4P
0.5W Zener Diode
1N5221B SS-1N5221B Datasheet
345Kb / 4P
0.5W Zener Diode
logo
Diodes Incorporated
DDZ5V6ASFQ DIODES-DDZ5V6ASFQ Datasheet
287Kb / 5P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
July 2018 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com