Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6107 Datasheet (PDF) - Silicon Supplies

2N6107 Datasheet PDF - Silicon Supplies
Part # 2N6107
Download  2N6107 Download
File Size   274.72 Kbytes
Page   2 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description PNP Transistor Bare Die

2N6107 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6107 Datasheet PDF - Silicon Supplies

Part # 2N6107
Download  2N6107 Click to download

File Size   274.72 Kbytes
Page   2 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description PNP Transistor Bare Die

2N6107 Datasheet (HTML) - Silicon Supplies


2N6107 Product details

Features
Collector current up to 7A
High DC Current Gain, hFE = 30-150 @ IC = 4A
Low VCE(sat) = 3.5V Max @ IC = 7A
Solderable back metal
High Reliability tested grades for Military + Space




Similar Part No. - 2N6107

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6107 MOSPEC-2N6107 Datasheet
171Kb / 4P
POWER TRANSISTORS(7A,40W)
logo
ON Semiconductor
2N6107 ONSEMI-2N6107 Datasheet
149Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
April, 2002 ??Rev. 5
logo
STMicroelectronics
2N6107 STMICROELECTRONICS-2N6107 Datasheet
69Kb / 4P
SILICON PNP SWITCHING TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6107 BOCA-2N6107 Datasheet
101Kb / 3P
EPITAXIAL-BASE, SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
logo
Central Semiconductor C...
2N6107 CENTRAL-2N6107 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
More results


Similar Description - 2N6107

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
MPSA56 SS-MPSA56 Datasheet
920Kb / 4P
PNP Transistor Bare Die
BTP981 SS-BTP981 Datasheet
934Kb / 4P
PNP Transistor Bare Die
2N918 SS-2N918 Datasheet
237Kb / 2P
NPN Transistor Bare Die
BC546 SS-BC546 Datasheet
362Kb / 4P
NPN Transistor Bare Die
2N3799 SS-2N3799 Datasheet
256Kb / 3P
PNP Transistor Bare Die
MPSA55 SS-MPSA55 Datasheet
1Mb / 4P
PNP Transistor Bare Die
TIP42C SS-TIP42C_V01 Datasheet
315Kb / 2P
PNP Transistor Bare Die
Rev 1.1 22/08/23
SIS953 SS-SIS953 Datasheet
307Kb / 2P
PNP Transistor Bare Die
Rev 1.1 13/10/23
TIP127 SS-TIP127 Datasheet
210Kb / 2P
PNP Transistor Bare Die
Rev 1.0 19/12/23
TIP32C SS-TIP32C Datasheet
217Kb / 2P
PNP Transistor Bare Die
Rev 1.0 22/08/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com