Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56364P Datasheet (PDF) - Freescale Semiconductor, Inc

DSP56364P Datasheet PDF - Freescale Semiconductor, Inc
Part # DSP56364P
Download  DSP56364P Download
File Size   2146.87 Kbytes
Page   148 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 24-Bit Audio Digital Signal Processor

DSP56364P Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56364P Datasheet PDF - Freescale Semiconductor, Inc

Part # DSP56364P
Download  DSP56364P Click to download

File Size   2146.87 Kbytes
Page   148 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 24-Bit Audio Digital Signal Processor

DSP56364P Datasheet (HTML) - Freescale Semiconductor, Inc


DSP56364P Product details

Overview
The DSP56364 supports digital audio applications requiring sound field processing, acoustic equalization, and other digital audio algorithms.

Features
Digital Signal Processing Core
• 100 Million Instructions Per Second (MIPS) with an 100 MHz clock at 3.3V.
• Object Code Compatible with the 56000 core.
• Data ALU with a 24 × 24 bit multiplier-accumulator and a 56-bit barrel shifter. 16-bit arithmetic support.
• Program Control with position independent code support and instruction cache support.
• Six-channel DMA controller.
• PLL based clocking with a wide range of frequency multiplications (1 to 4096), predivider factors (1 to 16) and power saving clock divider (2i: i = 0 to 7). Reduces clock noise.
• Internal address tracing support and OnCE™ for Hardware/Software debugging.
• JTAG port.
• Very low-power CMOS design, fully static design with operating frequencies down to DC.
• STOP and WAIT low-power standby modes.

On-Chip Memory Configuration
• 1.5K × 24 Bit Y-Data RAM.
• 1K × 24 Bit X-Data RAM.
• 8K × 24 Bit Program ROM.
• 0.5K × 24 Bit Program RAM and 192 × 24 Bit Bootstrap ROM.
• 0.75K × 24 Bit from Y Data RAM can be switched to Program RAM resulting in up to 1.25K × 24 Bit of Program RAM.

Off-Chip Memory Expansion
• External Memory Expansion Port with 8-bit data bus.
• Off-chip expansion up to 2 × 16M × 8-bit word of Data/Program memory when using DRAM.
• Off-chip expansion up to 2 × 256k × 8-bit word of Data/Program memory when using SRAM.
• Simultaneous glueless interface to SRAM and DRAM

Peripheral Modules
• Enhanced Serial Audio Interface (ESAI): 6 serial lines, 4 selectable as receive or transmit and 2 transmit only, master or slave. I2S, Sony, AC97, network and other programmable protocols. Unused pins of ESAI may be used as GPIO lines.
• Serial Host Interface (SHI): SPI and I2C protocols, 10-word receive FIFO, support for 8, 16 and 24-bit words.
• Four dedicated GPIO lines.

Packaging
• 100-pin plastic TQFP package.




Similar Part No. - DSP56364P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56364P NXP-DSP56364P Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
More results


Similar Description - DSP56364P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56362 MOTOROLA-DSP56362 Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56367 FREESCALE-DSP56367 Datasheet
1Mb / 100P
24-Bit Audio Digital Signal Processor
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
24-Bit Audio Digital Signal Processor
DSP56366 FREESCALE-DSP56366 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
DSPB56364AF100 FREESCALE-DSPB56364AF100 Datasheet
1Mb / 148P
24-Bit Audio Digital Signal Processor
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
DSPB56367AG150 FREESCALE-DSPB56367AG150 Datasheet
1Mb / 100P
24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56366 NXP-DSP56366 Datasheet
2Mb / 110P
24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com