Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56374 Datasheet (PDF) - Freescale Semiconductor, Inc

DSP56374 Datasheet PDF - Freescale Semiconductor, Inc
Part # DSP56374
Download  DSP56374 Download
File Size   1129.36 Kbytes
Page   64 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description a high-density CMOS device

DSP56374 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56374 Datasheet PDF - Freescale Semiconductor, Inc

Part # DSP56374
Download  DSP56374 Click to download

File Size   1129.36 Kbytes
Page   64 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description a high-density CMOS device

DSP56374 Datasheet (HTML) - Freescale Semiconductor, Inc


DSP56374 Product details

Overview

The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.

The DSP56374 supports digital audio applications requiring sound field processing, acoustic equalization, and other digital audio algorithms. The DSP56374 uses the high performance, single-clock-per-cycle DSP56300 core family of programmable CMOS digital signal processors (DSPs) combined with the audio signal processing capability of the Freescale Semiconductor, Inc. Symphony™ DSP family, as shown in Figure 1.



Features

2.1 DSP56300 Modular Chassis

• 150 Million Instructions Per Second (MIPS) witha 150 MHz clock at an internal logic supply (QVDDL) of 1.25 V

• Object Code Compatible with the 56K core

• Data ALU with a 24 x 24 bit multiplier-accumulator and a 56-bit barrel shifter;16 bit arithmetic support

• Program Control with position independent code support

• Six-channel DMA controller

• Provides a wide range of frequency multiplications (1 to 255), predivider factors (1 to 31), PLL feedback multiplier (2 or 4), Output divide factor (1, 2, or 4) and a power-saving clock divider (2i : i = 0 to 7) to reduce clock noise

• Internal address tracing support and OnCE for Hardware/Software debugging

• JTAG port, supporting boundary scan, compliant to IEEE 1149.1

• Very low-power CMOS design, fully static design with operating frequencies down to DC

• STOP and WAIT low-power standby modes

2.2 On-chip Memory Configuration

• 6Kx24 Bit Y-Data RAM and 4Kx24 Bit Y-Data ROM

• 6Kx24 Bit X-Data RAM and 4Kx24 Bit X-Data ROM

• 20Kx24 Bit Program and Bootstrap ROM including a PROM patching mechanism

• 6Kx24 Bit Program RAM.

• Various memory switches are available. See memory table below.

2.3 Peripheral Modules

• Enhanced Serial Audio Interface (ESAI): up to 4 receiver pins and up to 6 transmitter pins, master or slave. I2S, Sony, AC97, network, and other programmable protocols.

• Enhanced Serial Audio Interface I (ESAI_1): up to 4 receiver pins and up to 6 transmitter pins, master or slave. I2S, Sony, AC97, network and other programmable protocols. Note: Available in the 80-pin package only.

• Serial Host Interface (SHI): SPI and I2C protocols, 10-word receive FIFO, support for 8, 16, and

24-bit words. Three noise reduction filter modes.

• Triple Timer module (TEC)

• Most pins of unused peripherals may be programmed as GPIO pins. Up to 47 pins can be configured as GPIO on the 80 pin package and 20 pins on the 52 pin package.




Similar Part No. - DSP56374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56374 MOTOROLA-DSP56374 Datasheet
1Mb / 128P
high density CMOS device with 3.3 V inputs and outputs
logo
Freescale Semiconductor...
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
logo
NXP Semiconductors
DSP56374 NXP-DSP56374 Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
Rev. 4.2, 1/2007
logo
Motorola, Inc
DSP56374PB MOTOROLA-DSP56374PB Datasheet
1Mb / 128P
high density CMOS device with 3.3 V inputs and outputs
DSP56374PB/D MOTOROLA-DSP56374PB/D Datasheet
1Mb / 128P
high density CMOS device with 3.3 V inputs and outputs
More results


Similar Description - DSP56374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56371 MOTOROLA-DSP56371 Datasheet
1Mb / 102P
high density CMOS device
DSP56374 MOTOROLA-DSP56374 Datasheet
1Mb / 128P
high density CMOS device with 3.3 V inputs and outputs
logo
Freescale Semiconductor...
DSPA56371 FREESCALE-DSPA56371 Datasheet
1Mb / 124P
The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
DSP56371 FREESCALE-DSP56371 Datasheet
954Kb / 68P
high density CMOS device
logo
Unisonic Technologies
U74LVC1G66 UTC-U74LVC1G66 Datasheet
175Kb / 7P
The U74LVC1G66 is a high-speed CMOS device.
logo
Freescale Semiconductor...
DSPB56374AE FREESCALE-DSPB56374AE Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
logo
ATMEL Corporation
ATV2500B ATMEL-ATV2500B_14 Datasheet
762Kb / 21P
High-performance, High-density Programmable Logic Device
ATV2500BQL ATMEL-ATV2500BQL_14 Datasheet
762Kb / 21P
High-performance, High-density Programmable Logic Device
logo
NXP Semiconductors
DSP56374 NXP-DSP56374 Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
Rev. 4.2, 1/2007
DSP56371 NXP-DSP56371 Datasheet
1Mb / 68P
The DSP56371 is a high density CMOS device with 5.0-V compatible inputs and outputs
Rev. 4.1, 1/2007
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com