Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GELM317 Datasheet (PDF) - List of Unclassifed Manufacturers

GELM317 Datasheet PDF - List of Unclassifed Manufacturers
Part # GELM317
Download  GELM317 Download
File Size   281.53 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR

GELM317 Datasheet (PDF)

Go To PDF Page Download Datasheet
GELM317 Datasheet PDF - List of Unclassifed Manufacturers

Part # GELM317
Download  GELM317 Click to download

File Size   281.53 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR

GELM317 Datasheet (HTML) - List of Unclassifed Manufacturers


GELM317 Product details

[GTM]

Description
The GELM317 is an adjustable 3-termial positive voltage regulator, designed to supply more than 1.5A of output current with voltage adjustable from 1.3 to 37V.

Features
* Output current up to 1.5A.
* Output voltage adjustable from 1.3V to 37V.
* Internal short circuit protection.
* Internal over temperature protection.
* Safe-Area compensation for output transistor.




Similar Part No. - GELM317

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GELM317 GTM-GELM317 Datasheet
281Kb / 4P
3-TERMINAL 1A POSITIVE ADJSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GELM317 ETL-GELM317 Datasheet
288Kb / 4P
3 - T E R M I N A L 1 A P O S I T I V E A D J U S T A B L E V O L T A G E R E G U L AT O R
More results


Similar Description - GELM317

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Continental Device Indi...
LM317 CDIL-LM317 Datasheet
402Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Silicon Co., Ltd
FR317L FS-FR317L Datasheet
197Kb / 5P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317P FS-FR317P Datasheet
280Kb / 5P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317LSC FS-FR317LSC Datasheet
484Kb / 3P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com