Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF206S Datasheet (PDF) - Won-Top Electronics

DF206S Datasheet PDF - Won-Top Electronics
Part # DF206S
Download  DF206S Download
File Size   53.91 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER

DF206S Datasheet (PDF)

Go To PDF Page Download Datasheet
DF206S Datasheet PDF - Won-Top Electronics

Part # DF206S
Download  DF206S Click to download

File Size   53.91 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER

DF206S Datasheet (HTML) - Won-Top Electronics


DF206S Product details

Glass Passivated Die Construction
Low Forward Voltage Drop
High Current Capability
High Surge Current Capability
Designed for Surface Mount Application
Plastic Material – UL Recognition Flammability
Classification 94V-0




Similar Part No. - DF206S

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
DF206S DIOTECH-DF206S Datasheet
983Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DF206S SECOS-DF206S Datasheet
227Kb / 2P
Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
logo
PACELEADER INDUSTRIAL
DF206S PACELEADER-DF206S Datasheet
193Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Thinki Semiconductor Co...
DF206S THINKISEMI-DF206S Datasheet
1Mb / 2P
2.0 AMPERE SINGLE PHASE GLASS PASSIVATION SURFACE MOUNT BRIDGE RECTIFIERS
logo
First Silicon Co., Ltd
DF206S FS-DF206S Datasheet
479Kb / 2P
Bridge Rectifier
More results


Similar Description - DF206S

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ABS205 ZSELEC-ABS205 Datasheet
164Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB201S ZSELEC-DB201S Datasheet
73Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DBLS201G ZSELEC-DBLS201G Datasheet
73Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
HDBL201G ZSELEC-HDBL201G Datasheet
99Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
RABF22 DIODES-RABF22 Datasheet
501Kb / 5P
2.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
DI200S ZSELEC-DI200S Datasheet
118Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TB205S ZSELEC-TB205S Datasheet
86Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB202S YFWDIODE-DB202S Datasheet
440Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
U20T01 YFWDIODE-U20T01 Datasheet
400Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
UABS201 YFWDIODE-UABS201 Datasheet
393Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com