Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8705A Datasheet (PDF) - Analog Devices

LT8705A Datasheet PDF - Analog Devices
Part # LT8705A
Download  LT8705A Download
File Size   1670.99 Kbytes
Page   59 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller

LT8705A Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8705A Datasheet PDF - Analog Devices

Part # LT8705A
Download  LT8705A Click to download

File Size   1670.99 Kbytes
Page   59 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller

LT8705A Datasheet (HTML) - Analog Devices


LT8705A Product details

FEATURES
 Built-In Multiphase Current Sharing
 18μA Pass-Thru Mode IQ with 99.9% Efficiency
 Pass-Thru or Fixed Output CCM, DCM Operation
 Programmable Non-Switching Pass-Thru Window
 VIN Range: 2.8V to 100V (4.5V for Start-Up)
 VOUT Range: 1V to 100V
 Reverse Input Protection to -40V
 ±2% Output Voltage Accuracy (–40°C to 125°C)
 Programmable Current Limit
 10V Quad N-Channel MOSFET Gate Drivers
 ±20% Cycle-by-Cycle Inductor Current Limit
 No Top MOSFET Refresh Noise in Buck or Boost
 Fixed/Phase-Lockable Frequency: 80kHz to 400kHz
 Spread-Spectrum Frequency Modulation for Low EMI
 Power Good Output Voltage/Overcurrent Monitor
 Available in a 40-Lead (6mm x 6mm) QFN Package

APPLICATIONS
 Industrial, Telecom, Avionics Systems, Automotive
Qualification in Progress

GENERAL DESCRIPTION
The LT®8210-1 is a 4-switch synchronous buck-boost
DC/DC controller that can operate in pass-thru mode,
forced continuous conduction, or pulse-skipping mode.
Pass-Thru is a feature that passes the input directly to
the output when the input is within a user
programmable window. Pass-Thru mode eliminates
switching losses and EMI while maximizing efficiency.
For input voltages above or below the pass-thru
window, the buck or boost regulation loops maintain
the output at the set maximum or minimum values,
respectively. The LT8210-1 is pin compatible with the
LT8210. The IMON pin on the LT8210-1 has an ISHARE
function, which allows for masterless current sharing.
Multiple LT8210-1 can be connected in parallel for
higher output current and reduced voltage ripple. A
masterless closed loop current sharing loop balances
the current per phase and allows phase shedding.
Optional reverse input protection down to -40V can be
implemented with the addition of a single N-channel
MOSFET. The LT8210-1 includes a precision current
sense amplifier that can accurately monitor and limit
output or input average current.




Similar Part No. - LT8705A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LT8705A LINER-LT8705A Datasheet
1Mb / 36P
Hybrid Step-Down Synchronous Controller
logo
Analog Devices
LT8705A AD-LT8705A Datasheet
1Mb / 28P
70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
Rev. 0
More results


Similar Description - LT8705A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
logo
Texas Instruments
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
logo
Linear Technology
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3777 LINER-LTC3777 Datasheet
2Mb / 38P
150V VIN and VOUT Synchronous 4-Switch Buck-Boost Controller Switching Bias Supply
logo
Texas Instruments
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
logo
Analog Devices
LT8210 AD-LT8210 Datasheet
7Mb / 44P
100V Synchronous 4-Switch Buck-Boost DC/DC Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com