Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4658 Datasheet (PDF) - Analog Devices

LTM4658 Datasheet PDF - Analog Devices
Part # LTM4658
Download  LTM4658 Download
File Size   2296.16 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator

LTM4658 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4658 Datasheet PDF - Analog Devices

Part # LTM4658
Download  LTM4658 Click to download

File Size   2296.16 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator

LTM4658 Datasheet (HTML) - Analog Devices


LTM4658 Product details

DESCRIPTION
The LTM®4659 is a complete 10A step-down switch-ing
mode μModule® regulator in a tiny 4mm × 4mm ×
1.43mm LGA package. The package includes the switching
controller, power MOSFETs, inductor and all support
components. Operating over an input voltage range of
2.25V to 5.5V, the LTM4659 supports an output voltage
range of 0.5V to VIN set by external resistors. Its
high-efficiency design delivers 10A continuous output current.
Only ceramic input and output capacitors are needed.
The LTM4659 employs a Silent Switcher 2 architecture
with internal hot loop bypass capacitors to achieve both
low EMI and high efficiency at high switching frequencies.
The LTM4659 also supports frequency synchronization, multiphase
operation, selectable pulse-skipping mode (PSM)
operation, and output voltage tracking for supply rail
sequencing. Its high switching frequency and a current
mode architecture enables a very fast transient response
to line and load changes without sacrificing stability.
Fault protection features include overvoltage, overcurrent,
and overtemperature protection. The LTM4659 is
lead(Pb)-Free and RoHS-compliant.

FEATURES
- Tiny Surface Mount, 4mm × 4mm × 1.43mm LGA
- Silent Switcher®2 Architecture
- Ultralow EMI Noise
- Input Voltage Range: 2.25V to 5.5V
- Output Voltage Range: 0.5V to VIN
- 10A DC Output Current
- Current Mode Control, Fast Transient Response
- Multiphase Parallel Current Sharing with
Multiple LTM4659s
- Output Soft-Start with Voltage Tracking
- External Frequency Synchronization
- Selectable Pulse-Skipping Mode
- Power Good Indicator
- Die Temperature Monitoring Output
- Overvoltage, Overcurrent, and
Overtemperature Protection

APPLICATIONS
- Telecom, Datacom, Networking System
- Optical Module
- Industrial Equipment
- Point-of-Load Regulation




Similar Part No. - LTM4658

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4658 AD-LTM4658 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
LTM4658EVPBF AD-LTM4658EVPBF Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4658IVPBF AD-LTM4658IVPBF Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
More results


Similar Description - LTM4658

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4622 LINER-LTM4622_15 Datasheet
774Kb / 26P
Dual Ultrathin 2.5A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
Triple 10A Step-Down DC/DC Module Regulator
LTM4639 LINER-LTM4639_15 Datasheet
579Kb / 32P
Low VIN 20A DC/DC Module Step-Down Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
10A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
Low VIN, 10A Step-Down 關Module Regulator
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com