Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTA140P05T Datasheet (PDF) - Inchange Semiconductor Company Limited

IXTA140P05T Datasheet PDF - Inchange Semiconductor Company Limited
Part # IXTA140P05T
Download  IXTA140P05T Download
File Size   347.63 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description P-Channel MOSFET Transistor

IXTA140P05T Datasheet (PDF)

Go To PDF Page Download Datasheet
IXTA140P05T Datasheet PDF - Inchange Semiconductor Company Limited

Part # IXTA140P05T
Download  IXTA140P05T Click to download

File Size   347.63 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description P-Channel MOSFET Transistor

IXTA140P05T Datasheet (HTML) - Inchange Semiconductor Company Limited


IXTA140P05T Product details

FEATURES
· Drain Current -ID= -140A@ TC=25℃
· Drain Source Voltage -VDSS= -50V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 9mΩ(Max)@VGS= -10V
APPLICATIONS
· DC-DC Converters
· Automatic Test Equipment
· High-Side Switching
· Battery Chargers




Similar Part No. - IXTA140P05T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA140P05T IXYS-IXTA140P05T Datasheet
222Kb / 6P
TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
More results


Similar Description - IXTA140P05T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD068P03L3 ISC-IPD068P03L3 Datasheet
340Kb / 2P
P-Channel MOSFET Transistor
IRF9Z34N ISC-IRF9Z34N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF5210 ISC-IRF5210 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF5305 ISC-IRF5305 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF6218 ISC-IRF6218 Datasheet
333Kb / 2P
P-Channel MOSFET Transistor
IRF9530N ISC-IRF9530N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF9540N ISC-IRF9540N Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP80P06P ISC-SPP80P06P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP15P10P ISC-SPP15P10P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com