Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW12N120K5 Datasheet (PDF) - Inchange Semiconductor Company Limited

STW12N120K5 Datasheet PDF - Inchange Semiconductor Company Limited
Part # STW12N120K5
Download  STW12N120K5 Download
File Size   309.87 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel Super Junction MOSFET Transistor

STW12N120K5 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW12N120K5 Datasheet PDF - Inchange Semiconductor Company Limited

Part # STW12N120K5
Download  STW12N120K5 Click to download

File Size   309.87 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel Super Junction MOSFET Transistor

STW12N120K5 Datasheet (HTML) - Inchange Semiconductor Company Limited


STW12N120K5 Product details

FEATURES
· Drain Current -ID=12A@ TC=25℃
· Drain Source Voltage -VDSS=1200V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 0.62Ω(TYP)@VGS= 10V
DESCRIPTION
· Motor drive, DC-DC converter, power switch
and solenoid drive.




Similar Part No. - STW12N120K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW12N120K5 STMICROELECTRONICS-STW12N120K5 Datasheet
812Kb / 21P
Worldwide best FOM
08-Apr-2015
More results


Similar Description - STW12N120K5

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS10N65SJ BWTECH-MS10N65SJ Datasheet
744Kb / 6P
N-Channel Super Junction MOSFET
logo
KODENSHI_AUK CORP.
SJMN60R38D KODENSHI-SJMN60R38D Datasheet
462Kb / 8P
N-Channel Super Junction MOSFET
SJMN60R38F KODENSHI-SJMN60R38F Datasheet
523Kb / 8P
N-Channel Super Junction MOSFET
SJMN65R15F KODENSHI-SJMN65R15F Datasheet
516Kb / 8P
N-Channel Super Junction MOSFET
SJMN65R38F KODENSHI-SJMN65R38F Datasheet
521Kb / 8P
N-Channel Super Junction MOSFET
SJMN078R60W KODENSHI-SJMN078R60W Datasheet
545Kb / 8P
N-Channel Super-junction MOSFET
SJMN380R65F KODENSHI-SJMN380R65F Datasheet
574Kb / 8P
N-Channel Super Junction MOSFET
SJMN600R65D KODENSHI-SJMN600R65D Datasheet
404Kb / 8P
N-Channel Super Junction MOSFET
SJMN600R65F KODENSHI-SJMN600R65F Datasheet
575Kb / 8P
N-Channel Super Junction MOSFET
logo
Shenzhen Huazhimei Semi...
HMS11N65 HMSEMI-HMS11N65 Datasheet
729Kb / 7P
N-Channel Super Junction MOSFET
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com