Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5600 Datasheet (PDF) - NXP Semiconductors

FS5600 Datasheet PDF - NXP Semiconductors
Part # FS5600
Download  FS5600 Download
File Size   2153.14 Kbytes
Page   118 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Automotive buck regulator and controller with voltage monitors and watchdog timer

FS5600 Datasheet (PDF)

Go To PDF Page Download Datasheet
FS5600 Datasheet PDF - NXP Semiconductors

Part # FS5600
Download  FS5600 Click to download

File Size   2153.14 Kbytes
Page   118 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Automotive buck regulator and controller with voltage monitors and watchdog timer

FS5600 Datasheet (HTML) - NXP Semiconductors


FS5600 Product details

1 General description
The FS5600 integrates a battery connected DC-DC controller with external FETs and a battery connected DCDC converter with internal FETs. It also offers functional safety features such as independent voltage monitors, windowed watchdog timer, I/O monitoring via ERRMON and FCCU, and built-in self-test.

2 Features and benefits
• 2 x high-voltage buck converters:
– Buck controller - external FETs - 900 mA gate drive - up to 15 A load capability
– Buck regulator - internal FETs - 3 A+ load capability
– ±2 % output accuracy
– 250 kHz to 3 MHz switching frequency
• High-efficiency PFM mode
• Safety features:
– Available in enhanced ASIL B, ASIL B, and QM variations
– Two internal and up to four high-accuracy external voltage monitors
– Windowed watchdog timer
– ERRMON and FCCU monitoring
– 2 x PGOOD and 1 x FS0B outputs
– ABIST and LBIST for latest failure check
• GPIOs for seamless operation with PF PMICs
• Rated from –40 °C to 150 °C TJ
• 32-Ld 5 mm x 5 mm QFN
• AEC-Q100 Grade-1 Qualified

3 Applications
QM to ASIL D automotive applications such as:
• Infotainment / cluster / driver awareness
• Telematics
• V2X
• Radar
• Vision
• ADAS
• Sensor fusion




Similar Part No. - FS5600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FS5600 NXP-FS5600 Datasheet
2Mb / 111P
Automotive buck regulator and controller with voltage monitors and watchdog timer
Rev. 3 - 2 August 2022
More results


Similar Description - FS5600

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3640 LINER-LT3640 Datasheet
572Kb / 24P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
Regulator with Voltage Detector and Watchdog Timer
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
Regulator with Voltage Detector and Watchdog Timer
logo
Linear Technology
LTC2938 LINER-LTC2938_15 Datasheet
259Kb / 20P
Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2939 LINER-LTC2939_15 Datasheet
259Kb / 20P
Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
Buck Regulator with Power-On Reset and Watchdog Timer
logo
NXP Semiconductors
FS5600 NXP-FS5600 Datasheet
2Mb / 111P
Automotive buck regulator and controller with voltage monitors and watchdog timer
Rev. 3 - 2 August 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com