Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A2 Datasheet (PDF) - NXP Semiconductors

MPL115A2 Datasheet PDF - NXP Semiconductors
Part # MPL115A2
Download  MPL115A2 Download
File Size   419.34 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Miniature I2C digital barometer, 50 kPa to 115 kPa

MPL115A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPL115A2 Datasheet PDF - NXP Semiconductors

Part # MPL115A2
Download  MPL115A2 Click to download

File Size   419.34 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Miniature I2C digital barometer, 50 kPa to 115 kPa

MPL115A2 Datasheet (HTML) - NXP Semiconductors


MPL115A2 Product details

1 General description
The MPL115A2 is an absolute pressure sensor with a digital I2C output targeting low-cost applications. A
miniature 5 x 3 x 1.2 mm LGA package is ideally suited for the space constrained requirements of portable
electronic devices. Low current consumptions of 5 μA during Active mode and 1 μA during Shutdown (Sleep)
mode are essential when focusing on low-power applications. The wide operating temperature range spans
from –40 °C to +105 °C to fit demanding environmental conditions.
The MPL115A2 employs a MEMS pressure sensor with a conditioning IC to provide accurate pressure
measurements from 50 kPa to 115 kPa. An integrated ADC converts pressure and temperature sensor readings
to digitized outputs via a I2C port. Factory calibration data is stored internally in an onboard ROM. Utilizing the
raw sensor output and calibration data, the host microcontroller executes a compensation algorithm to render
Compensated Absolute Pressure with ±1 kPa accuracy.
The MPL115A2 pressure sensor’s small form factor, low-power capability, precision, and digital output optimize
it for barometric measurement applications.
2 Features
• Digitized pressure and temperature information together with programmed calibration coefficients for host
micro use.
• Factory calibrated
• 50 kPa to 115 kPa absolute pressure
• ±1 kPa accuracy
• 2.375 V to 5.5 V supply
• Integrated ADC
• I2C Interface (operates up to 400 kHz)
• 7-bit I2C address = 60h
• Monotonic pressure and temperature data outputs
• Surface mount RoHS compliant package
3 Applications
• Barometry (portable and desktop)
• Altimeters
• Weather stations
• Hard-disk drives (HDD)
• Industrial equipment
• Health monitoring




Similar Part No. - MPL115A2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2 Datasheet
216Kb / 8P
Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2 Datasheet
218Kb / 16P
Miniature I2C Digital Barometer
logo
NXP Semiconductors
MPL115A2 NXP-MPL115A2 Datasheet
2Mb / 24P
Miniature I2C digital barometer, 50 to 115 kPa
Rev. 10-10 October 2017
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
944Kb / 2P
Digital barometric pressure sensor
REV 1
More results


Similar Description - MPL115A2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXPS7115D4 NXP-FXPS7115D4 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 3-5 December 2019
MPL115A1 NXP-MPL115A1 Datasheet
3Mb / 23P
Miniature SPI digital barometer, 50 to 115 kPa
Rev. 8-10 October 2017
MPL115A2 NXP-MPL115A2 Datasheet
2Mb / 24P
Miniature I2C digital barometer, 50 to 115 kPa
Rev. 10-10 October 2017
FXPS7115D4 NXP-FXPS7115D4_V01 Datasheet
957Kb / 75P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6 - 6 June 2022
FXPS7115D4S NXP-FXPS7115D4S Datasheet
1Mb / 74P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1-9 August 2022
MPL115A1S NXP-MPL115A1S Datasheet
429Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 1.2 - 8 May 2023
FXPS7115D4 NXP-FXPS7115D4_V02 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6.1 - 7 June 2023
FXPS7115D4 NXP-FXPS7115D4_V03 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6.2 - 28 June 2023
FXPS7115D4S NXP-FXPS7115D4S_V02 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1.2 - 28 June 2023
FXPS7115D4S NXP-FXPS7115D4S_V03 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1.4 - 3 November 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com