Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5860T Datasheet (PDF) - Texas Instruments

LP5860T Datasheet PDF - Texas Instruments
Part # LP5860T
Download  LP5860T Download
File Size   3263.55 Kbytes
Page   69 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP5867 7 × 6 LED Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming

LP5860T Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5860T Datasheet PDF - Texas Instruments

Part # LP5860T
Download  LP5860T Click to download

File Size   3263.55 Kbytes
Page   69 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP5867 7 × 6 LED Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming

LP5860T Datasheet (HTML) - Texas Instruments


LP5860T Product details

1 Features
• LED matrix topology:
– 6 constant current sinks with 7 scan switches
for 42 LED dots
– Configurable for 1 to 7 scan switches
• Operating voltage range:
– VCC/VLED range: 2.7V to 5.5V
– Logic pins compatible with 1.8V, 3.3V, and 5V
• 6 constant current sinks with high precision:
– 0.1mA-50mA per current sink when VCC ≥ 3.3V
– Device-to-device error: ±3% when channel
current = 50mA
– Channel-to-channel error: ±3% when channle
current = 50mA
– Phase-shift for balanced transient power
• Ultra-low power consumption:
– Shutdown mode: ICC ≤ 1μA when EN = Low
– Standby mode: ICC ≤ 10μA when EN = High
and CHIP_EN = 0 (data retained)
– Active mode: ICC = 4.2mA (typ.) when channel
current = 5mA
• Flexible dimming options:
– Individual ON/OFF control for each LED dot
– Analog dimming (current gain control)
• Global 7-step Maximum Current (MC)
setting for all LED dots
• 3 groups of 7-bit Color Current (CC) RGB
setting
• Individual 8-bit Dot Current (DC) setting for
each LED dot
– PWM dimming with audible-noise-free
frequency
• Global 8-bit PWM dimming for all LED dots
• 3 programmable groups of 8-bit PWM
dimming for LED dot arbitrary mapping
• Individual 8-bit or 16-bit PWM dimming for
each LED dot
• Full addressable SRAM to minimize data traffic
• Individual LED dot open/short detection
• De-ghosting and low brightness compensation
• Interface options:
– 1MHz (max.) I2C interface when IFS = Low
– 12MHz (max.) SPI interface when IFS = High

2 Applications
• LED animation and indication for:
– Portable electronics
– Wearables
– Internet-of-Things (IOT)

3 Description
Electronic devices are becoming smarter, requiring
to use larger quantity of LEDs for animation and
indication purposes and high performance LED matrix
driver is required to improve user experience with
small solution size.
The LP5867 is a high performance LED matrix
drivers. The devices integrate 6 constant current sinks
with N (N = 7) switching MOSFETs to support N × 6
LED dots or N × 2 RGB LEDs. The LP5867 integrates
7 MOSFETs for up to 42 LED dots or 14 RGB LEDs.
The LP5867 supports both analog dimming and
PWM dimming methods. For analog dimming, each
LED dot can be adjusted with 256 steps. For PWM
dimming, the integrated 8-bit or 16-bit configurable
PWM generators enable smooth and audible-noisefree
dimming control. Each LED dot can also be
arbitrarily mapped into 8-bit Group PWM to achieve
dimming control together.
The LP5867 device implements full addressable
SRAM to minimize the data traffic. The ghostcancellation
circuitry is integrated to eliminate both
upside and downside ghosting. The LP5867 also
supports LED open and short detection functions.
Both 1MHz (maximum) I2C and 12MHz (maximum)
SPI are available in LP5867.




Similar Part No. - LP5860T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5860T TI-LP5860T Datasheet
3Mb / 56P
LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
MAY 2023
LP5860T TI-LP5860T Datasheet
2Mb / 71P
LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
MAY 2023
LP5860T TI1-LP5860T Datasheet
3Mb / 60P
LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
REVISED NOVEMBER 2023
LP5860TMRKPR TI1-LP5860TMRKPR Datasheet
3Mb / 60P
LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
REVISED NOVEMBER 2023
LP5860TRKPR TI-LP5860TRKPR Datasheet
3Mb / 56P
LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
MAY 2023
More results


Similar Description - LP5860T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
logo
STMicroelectronics
STP1612PW05 STMICROELECTRONICS-STP1612PW05 Datasheet
787Kb / 35P
16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
18-Dec-2009
logo
Texas Instruments
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
UCD9222-EP TI1-UCD9222-EP_16 Datasheet
1Mb / 37P
DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
LP5860 TI-LP5860 Datasheet
2Mb / 57P
LP5860 11 횞 18 LED Matrix Driver with 8-bit Analog and 8-/16-bit PWM Dimming
LP5860T TI-LP5860T Datasheet
3Mb / 56P
LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
MAY 2023
LP5861T TI-LP5861T Datasheet
2Mb / 71P
LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
MAY 2023
LP5860T TI1-LP5860T_V01 Datasheet
3Mb / 60P
LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
REVISED NOVEMBER 2023
LP5861T TI1-LP5861T_V01 Datasheet
2Mb / 76P
LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com