Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-108 Datasheet (PDF) - Tyco Electronics

AT-108 Datasheet PDF - Tyco Electronics
Part # AT-108
Download  AT-108 Download
File Size   203.64 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Voltage Variable Absorptive Attenuator, 40dB 0.5 - 3.0 GHz

AT-108 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-108 Datasheet PDF - Tyco Electronics

Part # AT-108
Download  AT-108 Click to download

File Size   203.64 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Voltage Variable Absorptive Attenuator, 40dB 0.5 - 3.0 GHz

AT-108 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AT-108

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-108 MACOM-AT-108 Datasheet
45Kb / 3P
Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
logo
Hirose Electric
AT-108 HIROSE-AT-108 Datasheet
64Kb / 3P
Fixed Attenuators (SMA Type)
logo
M/A-COM Technology Solu...
AT-108 MA-COM-AT-108 Datasheet
120Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
logo
Tyco Electronics
AT-108RTR MACOM-AT-108RTR Datasheet
45Kb / 3P
Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
logo
M/A-COM Technology Solu...
AT-108SMB MA-COM-AT-108SMB Datasheet
120Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
More results


Similar Description - AT-108

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-108 MACOM-AT-108 Datasheet
45Kb / 3P
Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
AT-109 MACOM-AT-109_1 Datasheet
186Kb / 3P
Voltage Variable Absorptive Attenuator, 35dB 0.5 - 2.0 GHz
AT-110-2 MACOM-AT-110-2 Datasheet
174Kb / 3P
Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
AT-110 MACOM-AT-110_1 Datasheet
173Kb / 3P
Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
AT-113 MACOM-AT-113_1 Datasheet
180Kb / 4P
Voltage Variable Absorptive Attenuator, 40dB 0.5 - 2.0 GHz
MAAVSS0007 MACOM-MAAVSS0007 Datasheet
206Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
MAAVSS0008 MACOM-MAAVSS0008 Datasheet
176Kb / 3P
Voltage Variable Absorptive Attenuator 30 dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
AT-108 MA-COM-AT-108 Datasheet
120Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
MAAVSS0007 MA-COM-MAAVSS0007 Datasheet
123Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
MAAVSS0008 MA-COM-MAAVSS0008 Datasheet
75Kb / 3P
Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com