Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-233-PIN Datasheet (PDF) - Tyco Electronics

AT-233-PIN Datasheet PDF - Tyco Electronics
Part # AT-233-PIN
Download  AT-233-PIN Download
File Size   168.41 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 15dB, 4-Bit, TTL Driver, DC - 2.0 GHz

AT-233-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-233-PIN Datasheet PDF - Tyco Electronics

Part # AT-233-PIN
Download  AT-233-PIN Click to download

File Size   168.41 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 15dB, 4-Bit, TTL Driver, DC - 2.0 GHz

AT-233-PIN Datasheet (HTML) - Tyco Electronics


AT-233-PIN Product details

Description
M/A-COM’s AT-233-PIN is a GaAs FET 4-Bit digital attenuator with a 2 dB minimum step size and 30 dB total attenuation. This attenuator and integral TTL driver is in a hermetically sealed ceramic 16-lead surface mount package. The AT-233-PIN is ideally suited for use where accuracy, fast switching, very low power consumption and low intermodulation products are required. Typical applications include dynamic range setting in precision receiver circuits and other gain/leveling control circuits. Environmental screening is available. Contact the factory for information.

Features
• Attenuation: 2 dB Steps to 30 dB
• Temperature Stability: ± 0.18 dB from –55°C to +85°C Typical
• Low DC Power Consumption
• Hermetic Surface Mount Package
• Integral TTL Driver
• 50 Ohm Nominal Impedance
• Lead-Free CR-12 Package
• 260°C Reflow Compatible
• RoHS* Compliant




Similar Part No. - AT-233-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN Datasheet
122Kb / 4P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
AT-233-PIN MA-COM-AT-233-PIN Datasheet
122Kb / 4P
Digital Attenuator
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
Digital Attenuator
More results


Similar Description - AT-233-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0107 MACOM-AT20-0107_1 Datasheet
248Kb / 4P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0213 MACOM-AT65-0213_1 Datasheet
123Kb / 2P
Digital Attenuator 15dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-0413 MACOM-AT90-0413_1 Datasheet
242Kb / 5P
Digital Attenuator 15dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-1413 MACOM-AT90-1413_1 Datasheet
261Kb / 5P
Digital Attenuator, 15dB, 4-Bit, TTL Driver DC - 4.0 GHz
AT-210 MACOM-AT-210_1 Datasheet
110Kb / 3P
Digital Attenuator, 15dB, 4-Bit DC - 2.0 GHz
AT-232-PIN MACOM-AT-232-PIN Datasheet
160Kb / 4P
Digital Attenuator, 30.0dB, 4-Bit, TTL Driver, DC - 2.0 GHz
AT-267 MACOM-AT-267_1 Datasheet
219Kb / 3P
Digital Attenuator, 1-Bit, 15dB, DC-2.0 GHz
MAADSS0009 MACOM-MAADSS0009 Datasheet
170Kb / 3P
Digital Attenuator 30 dB, 4-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-232-PIN MA-COM-AT-232-PIN Datasheet
77Kb / 4P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
AT-233-PIN MA-COM-AT-233-PIN Datasheet
122Kb / 4P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com