Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-250 Datasheet (PDF) - Tyco Electronics

AT-250 Datasheet PDF - Tyco Electronics
Part # AT-250
Download  AT-250 Download
File Size   162.63 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz

AT-250 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-250 Datasheet PDF - Tyco Electronics

Part # AT-250
Download  AT-250 Click to download

File Size   162.63 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz

AT-250 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AT-250

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-250 MACOM-AT-250 Datasheet
122Kb / 2P
Voltage Variable Absorptive Attenuator DC - 2 GHz
logo
M/A-COM Technology Solu...
AT-250 MA-COM-AT-250 Datasheet
69Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT-250PIN MACOM-AT-250PIN Datasheet
122Kb / 2P
Voltage Variable Absorptive Attenuator DC - 2 GHz
AT-250RTR MACOM-AT-250RTR Datasheet
122Kb / 2P
Voltage Variable Absorptive Attenuator DC - 2 GHz
AT-250TR MACOM-AT-250TR Datasheet
122Kb / 2P
Voltage Variable Absorptive Attenuator DC - 2 GHz
More results


Similar Description - AT-250

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-259 MACOM-AT-259_1 Datasheet
169Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
AT-635 MACOM-AT-635_1 Datasheet
162Kb / 3P
Voltage Variable Absorptive Attenuator 35 dB, DC-2.0 GHz
MAAVSS0004 MACOM-MAAVSS0004 Datasheet
88Kb / 3P
Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
MAAVSS0005 MACOM-MAAVSS0005 Datasheet
180Kb / 3P
Voltage Variable Absorptive Attenuator DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-250 MA-COM-AT-250 Datasheet
69Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
AT-259 MA-COM-AT-259 Datasheet
71Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
AT-635 MA-COM-AT-635 Datasheet
99Kb / 3P
Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
MAAVSS0004 MA-COM-MAAVSS0004 Datasheet
70Kb / 3P
Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
Voltage Variable Absorptive Attenuator DC - 2.0 GHz
MAAV-007941 MA-COM-MAAV-007941 Datasheet
70Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com