Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBV6-54 Datasheet (PDF) - Comchip Technology

CDBV6-54 Datasheet PDF - Comchip Technology
Part # CDBV6-54
Download  CDBV6-54 Download
File Size   80.04 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Schottky Barrier Diode Arrays

CDBV6-54 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDBV6-54 Datasheet PDF - Comchip Technology

Part # CDBV6-54
Download  CDBV6-54 Click to download

File Size   80.04 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Schottky Barrier Diode Arrays

CDBV6-54 Datasheet (HTML) - Comchip Technology


CDBV6-54 Product details

Forward Current: 0.2A
Reverse Voltage: 30V
RoHS Device

Features
- Low forward voltage drop.
- Fast switching.
- Ultra-small surface mount package.
- PN junction guard ring for transient and ESD protection.
- Available in lead Free version.

Mechanical data
- Case: SOD-323, Molded Plastic
- Case material: UL 94V-0 flammability retardant  classification.
- Terminals:  Solderable per MIL-STD-202, Method  208
- Marking: Orientation: See diagrams below
- Weight: 0.006 grams (approx.)
- Marking: See diagrams below




Similar Part No. - CDBV6-54

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBV6-54AD-HF COMCHIP-CDBV6-54AD-HF Datasheet
476Kb / 4P
Small Signal Schottky Diodes
REV:A
CDBV6-54BR-HF COMCHIP-CDBV6-54BR-HF Datasheet
476Kb / 4P
Small Signal Schottky Diodes
REV:A
CDBV6-54CD-HF COMCHIP-CDBV6-54CD-HF Datasheet
476Kb / 4P
Small Signal Schottky Diodes
REV:A
CDBV6-54SD-HF COMCHIP-CDBV6-54SD-HF Datasheet
476Kb / 4P
Small Signal Schottky Diodes
REV:A
CDBV6-54T-G COMCHIP-CDBV6-54T-G Datasheet
76Kb / 2P
SMD Schottky Barrier Diode Arrays
More results


Similar Description - CDBV6-54

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
FBAS40DW-06 JIANGSU-FBAS40DW-06 Datasheet
227Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS40TW JIANGSU-FBAS40TW Datasheet
225Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAT40V DIODES-BAT40V Datasheet
87Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30533 Rev. 4 - 2
BAT54V DIODES-BAT54V Datasheet
84Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30560 Rev. 3 - 2
logo
Comchip Technology
CDBV6-00340TI-G COMCHIP-CDBV6-00340TI-G Datasheet
171Kb / 4P
SMD Schottky Barrier Diode Arrays
CDBV6-54T COMCHIP-CDBV6-54T_12 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode Arrays
logo
Jiangsu Changjiang Elec...
BAS70BRW JIANGSU-BAS70BRW Datasheet
4Mb / 5P
SCHOTTKY BARRIER DIODE ARRAYS
BAT54ADW JIANGSU-BAT54ADW Datasheet
843Kb / 5P
SCHOTTKY BARRIER DIODE ARRAYS
logo
First Silicon Co., Ltd
FDR54BRW FS-FDR54BRW Datasheet
575Kb / 5P
SCHOTTKY BARRIER DIODE ARRAYS
logo
Rectron Semiconductor
BAT54ADW RECTRON-BAT54ADW Datasheet
156Kb / 5P
SCHOTTKY BARRIER DIODE ARRAYS
2021-04/01 REV: O
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com