Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPCA1-7 Datasheet (PDF) - PCTEL, Inc.

LPCA1-7 Datasheet PDF - PCTEL, Inc.
Part # LPCA1-7
Download  LPCA1-7 Download
File Size   410.36 Kbytes
Page   5 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description 10-in-1 TETRA Cellular GNSS Wi-FiLPCA

LPCA1-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPCA1-7 Datasheet PDF - PCTEL, Inc.

Part # LPCA1-7
Download  LPCA1-7 Click to download

File Size   410.36 Kbytes
Page   5 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description 10-in-1 TETRA Cellular GNSS Wi-FiLPCA

LPCA1-7 Datasheet (HTML) - PCTEL, Inc.


LPCA1-7 Product details

Description
Low profile configurable antenna designed to support multi-system solutions for heavy vehicles, buses, ambulances, forest machines or M2M applications.

Features
•10 different configurations
•430-450 MHz, Cellular
•Low profile, height 50mm
•Ground plane independent
•Rugged
•IP67
•Cable approved acc ECE-R118
•Designed in Sweden in collaborationwith the forest industry




Similar Part No. - LPCA1-7

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LPCA MSYSTEM-LPCA Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPCA-511-B MSYSTEM-LPCA-511-B Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPCA-511-B/Q MSYSTEM-LPCA-511-B/Q Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPCA-511-C MSYSTEM-LPCA-511-C Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPCA-511-C/Q MSYSTEM-LPCA-511-C/Q Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
More results


Similar Description - LPCA1-7

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACFM-W1G7 BOARDCOM-ACFM-W1G7 Datasheet
189Kb / 2P
Mid/High Cellular Bands, Wi-Fi, GNSS Triplexer
logo
Taoglas antenna solutio...
MA520ABC008 TAOGLAS-MA520ABC008 Datasheet
2Mb / 24P
Hercules 2in 1 Cellular and Wi-Fi
MA520.A.BC.008 TAOGLAS-MA520.A.BC.008_18 Datasheet
1Mb / 24P
Hercules 2in 1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna-Cellular
MA350.A.LBICG.003 TAOGLAS-MA350.A.LBICG.003 Datasheet
8Mb / 68P
Steedan 5-in-1 Magnetic Mount Antenna with GNSS, 2*LTE & 2*Wi-Fi
logo
TE Connectivity Ltd
951-016-XXX TEC-951-016-XXX Datasheet
571Kb / 2P
TETRA/ GNSS/ WLAN (2,4GHz/5,8GHz) Screw Antenna
logo
Maxtena Inc.
MEA-2700-WIFI MAXTENA-MEA-2700-WIFI Datasheet
1Mb / 4P
Omni Fiberglass Wi/Cellular Antenna
REV A
MEA-GNSS-LTE MAXTENA-MEA-GNSS-LTE Datasheet
755Kb / 4P
2 IN 1 LTE/GNSS ANTENNA
REV A
logo
PCTEL, Inc.
GL9X1AX-SF PCTEL-GL9X1AX-SF Datasheet
426Kb / 5P
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
2021
logo
TE Connectivity Ltd
VPJ69595B TEC-VPJ69595B Datasheet
7Mb / 12P
“Trigger” 5-Port Under-Dash Antenna Cellular/Wi-Fi/GNSS
11/21
VQJ69595B TEC-VQJ69595B Datasheet
6Mb / 14P
“Trigger” 4-Port Under-Dash Antenna Cellular/Wi-Fi/GNSS
11/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com