Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

710675 Datasheet (PDF) - PCTEL, Inc.

710675 Datasheet PDF - PCTEL, Inc.
Part # 710675
Download  710675 Download
File Size   747.0 Kbytes
Page   6 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description Smarteq™ LPCA-MIMO 5G Family Low Profile Combination Antenna 5-in-1 Cellular GNSS WiFi

710675 Datasheet (PDF)

Go To PDF Page Download Datasheet
710675 Datasheet PDF - PCTEL, Inc.

Part # 710675
Download  710675 Click to download

File Size   747.0 Kbytes
Page   6 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description Smarteq™ LPCA-MIMO 5G Family Low Profile Combination Antenna 5-in-1 Cellular GNSS WiFi

710675 Datasheet (HTML) - PCTEL, Inc.


710675 Product details

Description
Low profile configurable antenna
designed to support multi-system
solutions for heavy vehicles,
ambulances, forest machines or
Internet On Board services.

Features
Up to 5-in-1 antenna
5G and WiFi 6E/WiFi 7
2x Cellular Main:
617-960/1710-2690/3300-5000MHz
2x Cellular Secondary/ Wi-Fi 6E:
1427-7200MHz
1x GNSS: GPS, Galileo, Glonass, Beidou
LNA gain 30dB with pre-filter
Approved according to ECE-R118




Similar Part No. - 710675

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
710671 PCTEL-710671 Datasheet
485Kb / 5P
Smarteq™ MultiFin Antenna Combination Antenna - GNSS, 5G Cellular, and WiFi
710672 PCTEL-710672 Datasheet
485Kb / 5P
Smarteq™ MultiFin Antenna Combination Antenna - GNSS, 5G Cellular, and WiFi
710679 PCTEL-710679 Datasheet
291Kb / 4P
AllDisc Combi Antenna 4 in 1: MIMO LTE / 5G, WiFi 6E, GNSS
More results


Similar Description - 710675

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1773903-3 TEC-1-1773903-3 Datasheet
1Mb / 4P
LOW PROFILE MiMo CELLULAR ANTENNA WITH OPTIONAL GPS/GNSS
951-018-XXX TEC-951-018-XXX Datasheet
200Kb / 4P
CELLULAR-MIMO (2G/3G/4G/5G) GNSS (GPS/GLONASS/QZSS/BEIDOU/ GALILEO)/ WLAN-MIMO (2.4GHz/5.8GHz) Screw Antenna
logo
Maxtena Inc.
NETZ4IN1 MAXTENA-NETZ4IN1 Datasheet
1,006Kb / 4P
CELLULAR/LTE/MIMO/WIFI ANTENNA
REV A
NETZ5IN1-MIMO MAXTENA-NETZ5IN1-MIMO Datasheet
3Mb / 6P
CELLULAR/LTE MIMO and GNSS - Screw mount antenna
REV A
NETZ5IN1 MAXTENA-NETZ5IN1 Datasheet
2Mb / 5P
LTE-MIMO/WIFI-MIMO/GNSS
REV A
logo
PCTEL, Inc.
GL9X1AX-SF PCTEL-GL9X1AX-SF Datasheet
426Kb / 5P
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
2021
GLHPDLTEMIMO-LT PCTEL-GLHPDLTEMIMO-LT Datasheet
472Kb / 5P
Combination Antenna - GNSS, 5G Cellular and WiFi
2021
logo
Suzhou Maswell Communic...
AN_MASTER_001-4 MASWELL-AN_MASTER_001-4 Datasheet
1Mb / 14P
Maswell 5G/4G/LTE GNSS Panel MIMO Combo Antenna
logo
Raltron Electronics Cor...
RDM-MBJ3-110053-1M-X-001 RALTRON-RDM-MBJ3-110053-1M-X-001 Datasheet
376Kb / 2P
WIFI MIMO ANTENNA
Rev. A
logo
Suzhou Maswell Communic...
AN_MASTER_CUBIC-4 MASWELL-AN_MASTER_CUBIC-4 Datasheet
989Kb / 7P
Maswell 5G 5 in 1 GNSS Combo MIMO Antenna Screw Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com